Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4622
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 12Page - Analog Devices LTM4622 Datasheet HTML 13Page - Analog Devices LTM4622 Datasheet HTML 14Page - Analog Devices LTM4622 Datasheet HTML 15Page - Analog Devices LTM4622 Datasheet HTML 16Page - Analog Devices LTM4622 Datasheet HTML 17Page - Analog Devices LTM4622 Datasheet HTML 18Page - Analog Devices LTM4622 Datasheet HTML 19Page - Analog Devices LTM4622 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LTM4671
16
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
a function of stability and transient response. The Analog
DevicesLTpowerCAD®DesignToolisavailabletodownload
online for output ripple, stability and transient response
analysis and calculating the output ripple reduction as
the number of phases implemented increases by N times.
FORCED CONTINUOUS CURRENT MODE (CCM)
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
outputrippleisdesired,forcedcontinuousoperationshould
beused.Inthismode,inductorcurrentisallowedtoreverse
during low output loads, the COMP voltage is in control
of the current comparator threshold throughout, and the
top MOSFET always turns on with each oscillator pulse.
For the 12A channels (CH0, CH3), CCM can be enabled
by tying the MODE/CLKIN0 or MODE/CLKIN3 pin to the
respective INTVCC or simply floating it.
For the 5A channels (CH1, CH2), CCM can be enabled by
tying the MODE/CLKIN12 pin to GND.
During start-up, forced continuous mode is disabled and
inductor current is prevented from reversing until the
LTM4671’s output voltage is in regulation.
DISCONTINUOUS MODE/BURST MODE OPERATION
Inapplicationswherehighefficiencyatintermediatecurrent
is desired, discontinuous mode or Burst Mode operation
can be achieved.
For the 12A channels (CH0, CH3), discontinuous mode
(DCM) can be achieved by tying the MODE/CLKIN0 or
MODE/CLKIN3 pin to GND. In discontinuous mode, the
reversecurrentcomparatorwillsensetheinductorcurrent
and turn of bottom MOSFET when the inductor current
drops to zero and becomes negative. Both power MOS-
FETs will remain off with the output capacitor supplying
the load current until the COMP voltage rises above its
zero current threshold to initiate the next switching cycle.
For the 5A channels (CH1, CH2), Burst Mode operation
can be achieved by tying MODE/CLKIN12 pin to INTVCC12
or simply floating. In Burst Mode operation, a current
reversal comparator (IREV) detects the negative inductor
current and shuts off the bottom power MOSFET, resulting
in discontinuous operation and increased efficiency. Both
power MOSFETs will remain off until the ITH voltage rises
abovethezerocurrentleveltoinitiateanothercycle.During
this time, the output capacitor supplies the load current
and the part is placed into a low current sleep mode.
OPERATING FREQUENCY
The operating frequency of the LTM4671 is optimized
to achieve the compact package size and the minimum
output ripple voltage while still keeping high efficiency.
The default operating frequency is internally set to 600kHz
for 12A channels and 1MHz for 5A channels. In most ap-
plications, no additional frequency adjusting is required.
Forthe12Achannels(CH0,CH3),ifanoperatingfrequency
other than 600kHz is required by the application, the op-
erating frequency can be increased by adding a resistor,
RFSET, between the FREQ0 or FREQ3 pins and SGND. The
operating frequency can be calculated as:
f Hz
( ) =
1.6e11
274k ||RFSET Ω
( )
The programmable operating frequency range is from
400kHz to 3MHz.
For the 5A channels (CH1, CH2), If an operating frequency
other than 1MHz is required by the application, the op-
erating frequency can be increased by adding a resistor,
RFSET, between the FREQ12 pin and SGND. The operating
frequency can be calculated as:
f Hz
( ) =
3.2e11
324k ||RFSET Ω
( )
The programmable operating frequency range is from
400kHz to 3MHz.
AlsotheµModulecanbeexternallysynchronizedtoaclock
at ±30% around set operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com