Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4622
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 2 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTM4671
2
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SVIN0, SVIN3........................................ –0.3V to 22V
VOUT0, VOUT3............................................. –0.3V to 3.6V
VOUT1, VOUT2................................................ –0.3V to 6V
INTVCC0, INTVCC12, INTVCC3, ................... –0.3V to 3.6V
FREQ0, FREQ12, FREQ3,........................... –0.3V to 3.6V
FB0, FB1, FB2, FB3,................................... –0.3V to 3.6V
COMP0a, COMP0b, COMP3a, COMP3b,
COMP1, COMP2,................................... –0.3V to 3.6V
RUN0, RUN1, RUN2, RUN3........................ –0.3V to 22V
TRACK/SS0, TRACK/SS1, TRACK/SS2,
TRACK/SS3, ......................................... –0.3V to 3.6V
PGOOD0, PGOOD1, PGOOD2, PGOOD3,... –0.3V to 3.6V
VOSNS0+, VOSNS0–, VOSNS3+,
VOSNS3–,............................................. –0.3V to 3.6V
VOSNS1, VOSNS2........................................ –0.3V to 6V
TSENSE0+, TSENSE0–, TSENSE3+,
TSENSE3–............................................. –0.3V to 0.8V
TMON ....................................................... –0.3V to 3.6V
MODE/CLKIN0, CLKOUT0, MODE/CLKIN3,
CLKOUT3, MODE/CLKIN12 ................... –0.3V to 3.6V
Operating Junction Temperature (Note 2) –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
(Note 1)
(See Pin Functions, Component BGA Pinout Table)
1
2
3
4
5
6
7
TOP VIEW
8
9
10
11
M
L
K
J
H
G
F
E
W
V
U
T
R
P
N
D
C
B
A
BGA PACKAGE
209-LEAD (9.5mm × 16mm × 4.72mm)
TJMAX = 125°C, θJCTOP = 12.8°C/W, θJCBOTTOM = 1.5°C/W, θJA = 12°C/W
θ
VALUES DETERMINED PER JESD51-12
WEIGHT: 1.94g
GND
TSENSE3+
PGOOD3
RUN3
FREQ3
TRACK/
SS3
SVIN3
SVIN0
FB3
FB2
CLKOUT0 PGOOD0
RUN0
FREQ0
MODE/
CLKIN0
GND
FB0
FB1
COMP0a COMP0b
COMP0a
FREQ12
COMP3a
COMP3b
TRACK/SS0
VOSNS0+
VOSNS3–
CLKOUT3
TSENSE0+
TSENSE0–
TSENSE3–
PGOOD1
PGOOD2
INTVCC12
RUN1
RUN2
COMP1
COMP2
TRACK/SS1
TRACK/
SS2
VOSNS1
VOSNS2
MODE/
CLKIN12
TMON
VOSNS3+
VOSNS0–
GND
GND
GND
GND
GND
GND
GND
VOUT0
VOUT1
VIN
GND
GND
GND
GND
VOUT2
VOUT3
VIN
MODE/
CLKIN3
PHMODE3
GND
GND
GND
INTVCC3
PHMODE0 INTVCC0
VIN
GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com