Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4622
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 23Page - Analog Devices LTM4622 Datasheet HTML 24Page - Analog Devices LTM4622 Datasheet HTML 25Page - Analog Devices LTM4622 Datasheet HTML 26Page - Analog Devices LTM4622 Datasheet HTML 27Page - Analog Devices LTM4622 Datasheet HTML 28Page - Analog Devices LTM4622 Datasheet HTML 29Page - Analog Devices LTM4622 Datasheet HTML 30Page - Analog Devices LTM4622 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTM4671
27
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 25. 12VIN Derating Curve, No Heat
Sink CH0 and CH3 Paralleled to 3.3V/24A
CH1 and CH2 Paralleled to 5V/10A
Figure 26. 12VIN Derating Curve, with Heat
Sink CH0 and CH3 Paralleled to 3.3V/24A
CH1 and CH2 Paralleled to 5V/10A
Figure 27. Power Loss Allowance vs
Ambient Temperature No Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
20
40
60
80
100
120
4671 F25
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
20
40
60
80
100
120
4671 F26
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
1
2
3
4
5
6
7
8
9
10
11
12
4671 F27
Figure 28. Power Loss Allowance vs
Ambient Temperature with Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30 40 50 60 70 80 90 100 110 120
0
1
2
3
4
5
6
7
8
9
10
11
12
4671 F28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com