Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4271
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 38Page - Analog Devices LTC4271 Datasheet HTML 39Page - Analog Devices LTC4271 Datasheet HTML 40Page - Analog Devices LTC4271 Datasheet HTML 41Page - Analog Devices LTC4271 Datasheet HTML 42Page - Analog Devices LTC4271 Datasheet HTML 43Page - Analog Devices LTC4271 Datasheet HTML 44Page - Analog Devices LTC4271 Datasheet HTML 45Page - Analog Devices LTC4271 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
42
Rev. 0
For more information www.analog.com
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
VEE
AGND
CPA
CNA
DPA
DNA
LTC9102/
LTC9103
LTC9102/
LTC9103
LTC9102/
LTC9103
LTC9102/
LTC9103
VEE
1µF
VEE
1µF
VEE
VEE
VEE
VEE
VEE
VEE
1µF
1µF
49.9
49.9
49.9
49.9
•
•
3.3V
VEE
49.9
49.9
•
•
VEE
49.9
49.9
0.01µF
0.01µF
DGND
DND
NOTES:
1. MULTIPLE LTC9102/LTC9103 DEVICES ON THE HIGH-SPEED DATA INTERFACE ARE DAISY CHAINED.
2. THE HIGH-SPEED DATA INTERFACE IS TERMINATED AT BOTH ENDS.
3. THE 100k RESISTORS AT THE END OF THE HIGH-SPEED DATA INTERFACE CONNECT TO THE
LAST LTC9102/LTC9103 CAP3.
4. THE MAXIMUM LENGTH OF THE HIGH-SPEED DATA INTERFACE IS 16 INCHES.
5. THE HIGH-SPEED DATA INTERFACE DIFFERENTIAL IMPEDANCE IS 100.
DPD
CND
INT
SCL
SDAIN
SDAOUT
CPD
LTC9101-1
(NO I2C
ISOLATION
REQUIRED)
VDD
0.01µF
0.01µF
1000pF
2kV
VEE
CAP3-1
CAP3-2
CAP3-3
CAP3-4
9101123 F28
0.01µF
0.01µF
100k
100k
100k
100k
Figure 28. LTC9101-1/LTC9102/LTC9103 Proprietary Isolation Scheme
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com