Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4271
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 18Page - Analog Devices LTC4271 Datasheet HTML 19Page - Analog Devices LTC4271 Datasheet HTML 20Page - Analog Devices LTC4271 Datasheet HTML 21Page - Analog Devices LTC4271 Datasheet HTML 22Page - Analog Devices LTC4271 Datasheet HTML 23Page - Analog Devices LTC4271 Datasheet HTML 24Page - Analog Devices LTC4271 Datasheet HTML 25Page - Analog Devices LTC4271 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
22
Rev. 0
For more information www.analog.com
DEVICE CONFIGURATION
An LTC9101-1 can control between one and four
LTC9102/LTC9103. Each LTC9102 controls 12 power
channels while each LTC9103 controls 8 channels. Thus,
each LTC9101-1 can control up to 48 power channels
configured in either 2-pair or 4-pair mode.
Large port count switch implementation may require a mix
of 2-pair (25.5W) ports and 4-pair (up to 71.3W) ports.
LTC9101-1 channels may be configured in an arbitrary
combination of 2-pair or 4-pair quads by storing a cus-
tom configuration package. See Stored Configurations
for details.
As described later in Bus Addressing, each group of four
ports occupies a single I2C address, regardless of 2-pair
(2P) or 4-pair (4P) configuration. Using the CFG pins and
a default configuration package, a LTC9101-1 can control
either all 2-pair ports or can control all 4-pair ports (see
Table 4).
Table 4. Device Configuration Options
CFG [2:0]
DEVICE COUNT
NUMBER OF PORTS
I2C ADDRESS OFFSET
LTC9102 LTC9103 4P
2P
TOTAL
0
1
2
3
4
5
6
7
8
9
10
11
12 13 14
15
0
000
1
0
0
12
12
2P
2P
2P
0
000
0
1
0
8
8
2P
2P
1
001
0
1
4
0
4
4P
2
010
2
0
0
24
24
2P
2P
2P
2P
2P
2P
2
010
1
1
0
20
20
2P
2P
2P
2P
2P
2
010
0
2
0
16
16
2P
2P
2P
2P
3
011
2
0
12
0
12
4P
4P
4P
3
011
0
2
8
0
8
4P
4P
4
100
3
0
0
36
36
2P
2P
2P
2P
2P
2P
2P 2P
2P
4
100
2
1
0
32
32
2P
2P
2P
2P
2P
2P
2P 2P
4
100
1
2
0
28
28
2P
2P
2P
2P
2P
2P
2P
4
100
0
3
0
24
24
2P
2P
2P
2P
2P
2P
5
101
2
1
16
0
16
4P
4P
4P
4P
5
101
0
3
12
0
12
4P
4P
4P
6
110
4
0
0
48
48
2P
2P
2P
2P
2P
2P
2P 2P
2P
2P 2P 2P
6
110
3
1
0
44
44
2P
2P
2P
2P
2P
2P
2P 2P
2P
2P 2P
6
110
2
2
0
40
40
2P
2P
2P
2P
2P
2P
2P 2P
2P
2P
6
110
1
3
0
36
36
2P
2P
2P
2P
2P
2P
2P 2P
2P
6
110
0
4
0
32
32
2P
2P
2P
2P
2P
2P
2P 2P
7
111
4
0
24
0
24
4P
4P
4P
4P
4P
4P
7
111
2
2
20
0
20
4P
4P
4P
4P
4P
7
111
0
4
16
0
16
4P
4P
4P
4P
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com