Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4271
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 12Page - Analog Devices LTC4271 Datasheet HTML 13Page - Analog Devices LTC4271 Datasheet HTML 14Page - Analog Devices LTC4271 Datasheet HTML 15Page - Analog Devices LTC4271 Datasheet HTML 16Page - Analog Devices LTC4271 Datasheet HTML 17Page - Analog Devices LTC4271 Datasheet HTML 18Page - Analog Devices LTC4271 Datasheet HTML 19Page - Analog Devices LTC4271 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
16
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GATE[12:1] (Pins 50, 43, 42, 35, 34, 27, 26, 19, 18,
11, 10, 3 Respectively): Gate Drive, channel n. Connect
GATEn to the gate of the external MOSFET for channel n.
When the MOSFET is turned on, the gate voltage is driven
to 12V (typ) above VEE. During a current limit condition,
the voltage at GATEn will be reduced to maintain constant
current through the external MOSFET. If the fault timer
expires, GATEn is pulled down, turning the MOSFET off
and raising a port fault event. If the channel is unused,
the GATEn pin must float.
LTC9103 EXCLUSIVE
VSSK[8:1](Pins47,46,39,38,15,14,7,6Respectively):
See LTC9102 VSSK[12:1].
SENSE[8:1] (Pins 48, 45, 40, 37, 16, 13, 8, 5
Respectively): See LTC9102 SENSE[12:1].
OUT[8:1] (Pins 49, 44, 41, 36, 17, 12, 9, 4 Respectively):
See LTC9102 OUT[12:1].
GATE[8:1] (Pins 50, 43, 42, 35, 18, 11, 10, 3
Respectively): See LTC9102 GATE[12:1].
COMMON PINS
NC, DNC (LTC9101-1 Pin 4; LTC9102 Pins 53, 54;
LTC9103 Pins 19–34, 53, 54): All pins identified with
“NC” or “DNC” must be left unconnected.
LTC9102 EXCLUSIVE
VSSK[12:1] (Pins 47, 46, 39, 38, 31, 30, 23, 22, 15,
14, 7, 6 Respectively): Kelvin Sense to VEE. Connect to
VEE side of sense resistor for channel n through a 0.1Ω
resistor. Do not connect directly to VEE plane. See Kelvin
Sense layout requirements.
SENSE[12:1] (Pins 48, 45, 40, 37, 32, 29, 24, 21, 16,
13, 8, 5 Respectively): Current Sense Input, channel n.
SENSEn monitors the external MOSFET current via a 0.1Ω
sense resistor between SENSEn and VSSKn. If the voltage
across the sense resistor reaches the current limit thresh-
old ILIM-2P, the GATEn pin voltage is lowered to maintain
constant current in the external MOSFET. See Applications
Information for further details. If the channel is unused,
tie SENSEn to VEE.
OUT[12:1] (Pins 49, 44, 41, 36, 33, 28, 25, 20, 17,
12, 9, 4 Respectively): Output Voltage Monitor, channel
n. Connect OUTn to the output channel. A current limit
foldback circuit limits the power dissipation in the external
MOSFET by reducing the current limit threshold when the
drain-to-source voltage exceeds 10V. A port power good
event is raised when the voltage from OUTn to VEE drops
below 2.4V (typ). A 500k resistor is connected internally
from OUTn to AGND when the channel is idle. If the chan-
nel is unused, the OUTn pin must float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com