Electronic Components Datasheet Search
  English  ▼

X  

AOD606 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD606
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD606 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD606 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
IAR
A
EAR
mJ
TJ, TSTG
°C
Thermal Characteristics: n-channel and p-channel
Symbol
Device
Typ
Max
n-ch
17.4
30
°C/W
n-ch
50
60
°C/W
RθJC
n-ch
4
7.5
°C/W
p-ch
16.7
25
°C/W
p-ch
40
50
°C/W
RθJC
p-ch
2.5
3
°C/W
RθJA
Maximum Junction-to-Ambient A
Maximum Junction-to-Case B
Steady-State
Parameter
Maximum Junction-to-Ambient A
t ≤ 10s
40
8
8
20
20
Avalanche Current C
Pulsed Drain Current C
-40
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
Repetitive avalanche energy L=0.1mH C
W
10
50
25
Continuous Drain
Current G
TC=25°C
ID
TC=100°C
RθJA
Maximum Junction-to-Ambient A
Steady-State
30
TC=100°C
Power Dissipation B
TC=25°C
PD
Steady-State
Junction and Storage Temperature Range
Maximum Junction-to-Case B
Steady-State
Maximum Junction-to-Ambient A
t ≤ 10s
-55 to 175
Power Dissipation A
TA=25°C
PDSM
TA=70°C
2.5
2
1.6
30
1.3
8
-55 to 175
-30
-8
A
W
8
8
AOD606
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 40V
-40V
ID = 8A (VGS=10V)
-8A (VGS = -10V)
RDS(ON)
RDS(ON)
< 33 m
Ω (VGS=10V)
< 50 m
Ω (VGS = -10V)
< 47 m
Ω (VGS=4.5V)
< 70 m
Ω (VGS = -4.5V)
General Description
The AOD606 uses advanced trench
technology MOSFETs to provide excellent
RDS(ON) and low gate charge. The
complementary MOSFETs may be used
in H-bridge, Inverters and other
applications. Standard product AOD606 is Pb-
free (meets ROHS & Sony 259 specifications).
AOD606L is a Green Product ordering option.
AOD606 and AOD606L are electrically
identical.
G1
D1/D2
S1
G2
S2
n-channel
p-channel
S1 G1
S2 G2
TO-252-4L
D-PAK
Top View
Drain Connected to
Tab
D1/D2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD606 AOSMD-AOD606 Datasheet
245Kb / 11P
Complementary Enhancement Mode Field Effect Transistor
AOD606 AOSMD-AOD606_08 Datasheet
245Kb / 11P
Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com