Electronic Components Datasheet Search
  English  ▼

X  

AOD606 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOD606
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD606 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOD606 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOD606 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AOD606
N-Channel MOSFET TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
2
2.5
3
3.5
4
4.5
VGS(Volts)
Figure 2: Transfer Characteristics
20
25
30
35
40
45
50
0
4
8
12
16
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=4.5V
ID=6A
VGS=10V
ID=8A
10
20
30
40
50
60
70
80
90
100
2468
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=8A
25°C
125°C
0
5
10
15
20
25
30
012
345
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=3.5V
4V
10V
4.5V
5V
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com