Electronic Components Datasheet Search
  English  ▼

X  

2278500 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2278500
Description  Mounting base housing - BC 161,6 UT HBUS BK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2278500 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2278500 Datasheet HTML 1Page - PHOENIX CONTACT 2278500 Datasheet HTML 2Page - PHOENIX CONTACT 2278500 Datasheet HTML 3Page - PHOENIX CONTACT 2278500 Datasheet HTML 4Page - PHOENIX CONTACT 2278500 Datasheet HTML 5Page - PHOENIX CONTACT 2278500 Datasheet HTML 6Page - PHOENIX CONTACT 2278500 Datasheet HTML 7Page - PHOENIX CONTACT 2278500 Datasheet HTML 8Page - PHOENIX CONTACT 2278500 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
https://www.phoenixcontact.com/pi/products/2278500
09/12/2020   Page 3 / 13
Mounting base housing - BC 161,6 UT HBUS BK - 2278500
Technical data
Power dissipation, single housing at 50 °C
Mounting position
vertical
Power dissipation
10.2 W
Power dissipation, single housing at 60 °C
Ambient temperature
60 °C
Reduction factor
0.48
Mounting position
vertical
Power dissipation
8.1 W
Mechanical strength/tumbling barrel
Specification
IEC 60068-2-31:2008-05
Height of fall
50 cm
Number of drop cycles
50
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 - 58.1 Hz)
Acceleration
2g (58.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Shock
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Test for assessing the risk of fire (glow wire)
Specification
DIN EN 60695-2-11 (VDE 0471-2-11):2014-11
Temperature
850 °C
Time of exposure
30 s
Degrees of protection provided by housings (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Result, degree of protection, IP code
IP20
General information
Type of note
Assembly instruction:
Note
Refer to the data sheet for the range in the download area.
Packaging information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com