Electronic Components Datasheet Search
  English  ▼

X  

2278500 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2278500
Description  Mounting base housing - BC 161,6 UT HBUS BK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2278500 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2278500 Datasheet HTML 1Page - PHOENIX CONTACT 2278500 Datasheet HTML 2Page - PHOENIX CONTACT 2278500 Datasheet HTML 3Page - PHOENIX CONTACT 2278500 Datasheet HTML 4Page - PHOENIX CONTACT 2278500 Datasheet HTML 5Page - PHOENIX CONTACT 2278500 Datasheet HTML 6Page - PHOENIX CONTACT 2278500 Datasheet HTML 7Page - PHOENIX CONTACT 2278500 Datasheet HTML 8Page - PHOENIX CONTACT 2278500 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
https://www.phoenixcontact.com/pi/products/2278500
09/12/2020   Page 2 / 13
Mounting base housing - BC 161,6 UT HBUS BK - 2278500
Technical data
Item properties
Ventilation openings present
no
Dimensions
Width [ w ]
161.6 mm
Height [ h ]
89.7 mm
Depth [ d ]
48.9 mm
Material data
Housing material
Polycarbonate
Color (RAL)
black (9005)
Flammability rating according to UL 94
V0
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Relative humidity (storage/transport)
95 %
PCB data
Number of PCB holders
9
PCB thickness
1.4 mm ... 1.8 mm
Mounting position
parallel to the DIN rail
Type of PCB mount
Latching
Power dissipation, single housing at 20 °C
Ambient temperature
20 °C
Reduction factor
1
Mounting position
vertical
Power dissipation
16.95 W
Power dissipation, single housing at 30 °C
Ambient temperature
30 °C
Reduction factor
0.84
Mounting position
vertical
Power dissipation
14.2 W
Power dissipation, single housing at 40 °C
Ambient temperature
40 °C
Reduction factor
0.72
Mounting position
vertical
Power dissipation
12.2 W
Power dissipation, single housing at 50 °C
Ambient temperature
50 °C
Reduction factor
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com