Electronic Components Datasheet Search
  English  ▼

X  

2278500 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2278500
Description  Mounting base housing - BC 161,6 UT HBUS BK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2278500 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2278500 Datasheet HTML 1Page - PHOENIX CONTACT 2278500 Datasheet HTML 2Page - PHOENIX CONTACT 2278500 Datasheet HTML 3Page - PHOENIX CONTACT 2278500 Datasheet HTML 4Page - PHOENIX CONTACT 2278500 Datasheet HTML 5Page - PHOENIX CONTACT 2278500 Datasheet HTML 6Page - PHOENIX CONTACT 2278500 Datasheet HTML 7Page - PHOENIX CONTACT 2278500 Datasheet HTML 8Page - PHOENIX CONTACT 2278500 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
https://www.phoenixcontact.com/pi/products/2278500
09/12/2020   Page 1 / 13
Mounting base housing - BC 161,6 UT HBUS BK - 2278500
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
DIN rail housing for use in distribution boards in accordance with DIN 43880, Lower housing part with base
latch, width: 161.6 mm, height: 89.7 mm, depth: 48.9 mm, cross connection: DIN rail connector (optional),
number of positions cross connector: 16, color: black (9005)
Your advantages
 Item is from the BC product range
 Conforms to DIN EN 43880
 Tool-free mounting
 Available in overall widths from one to nine width units (17.8 mm ... 161.6 mm)
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail or the wall
 Optional with bus connector for DIN rail mounting
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356299497
Technical data
Item properties
Brief article description
Mounting base housing
Type
BC 161,6 UT HBUS BK
Order No.
2278500
Housing type
DIN rail housing for use in distribution boards in accordance with DIN
43880
Housing series
BC
Type
Lower housing part with base latch
Max. IP code to attain
IP20
Mounting type
DIN rail mounting/wall mounting


Similar Part No. - 2278500

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2278539 PHOENIX-2278539 Datasheet
65Kb / 4P
Housing cover - BC 161,6 DKL R KMGY
09/12/2020
2278542 PHOENIX-2278542 Datasheet
66Kb / 4P
Housing cover - BC 161,6 DKL S TRANS
09/12/2020
2278555 PHOENIX-2278555 Datasheet
197Kb / 7P
HBUS 161,6-16P-1S BK - DIN rail bus connectors
More results

Similar Description - 2278500

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200072 PHOENIX-2200072 Datasheet
56Kb / 2P
Components of electronic housing - BC 161,6 UT HBUS FS BKVPE80
11/05/2018
2201664 PHOENIX-2201664 Datasheet
52Kb / 2P
Housing cover - BC 161,6 DKL R BK9005
11/05/2018
2202638 PHOENIX-2202638 Datasheet
52Kb / 2P
Electronic housing - BC 161,6 OT 111112 KMGY
11/05/2018
2202951 PHOENIX-2202951 Datasheet
136Kb / 10P
Mounting base housing - BC 107,6 UT HBUS KMGY
09/12/2020
2278539 PHOENIX-2278539 Datasheet
65Kb / 4P
Housing cover - BC 161,6 DKL R KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2896270 PHOENIX-2896270 Datasheet
137Kb / 10P
Mounting base housing - BC 107,6 UT HBUS BK
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
1335862 PHOENIX-1335862 Datasheet
188Kb / 5P
Housing cover with touch display - BC 161,6 DKL R D2,4 TCG BK
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com