Electronic Components Datasheet Search
  English  ▼

X  

LTC3290 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3290
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3290 Datasheet(HTML) 5 Page - Analog Devices

  LTC3290 Datasheet HTML 1Page - Analog Devices LTC3290 Datasheet HTML 2Page - Analog Devices LTC3290 Datasheet HTML 3Page - Analog Devices LTC3290 Datasheet HTML 4Page - Analog Devices LTC3290 Datasheet HTML 5Page - Analog Devices LTC3290 Datasheet HTML 6Page - Analog Devices LTC3290 Datasheet HTML 7Page - Analog Devices LTC3290 Datasheet HTML 8Page - Analog Devices LTC3290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC3290
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, CFLY = 1µF, CIN = CAUX = COUT = 10µF
unless otherwise noted.
VOUT Output Ripple (Boost Mode)
VOUT Transient (Boost Mode)
VOUT Output Ripple
(Tracking Mode)
VOUT Transient (Tracking Mode)
VOUT
200mV/DIV
AC-COUPLED
250µs/DIV
3290 G08
VIN = 12V, VAUX = 5V,
VOUT– = 15V, IVOUT = 20mA
VOUT
200mV/DIV
AC-COUPLED
20mA
1mA
IVOUT
2.5ms/DIV
3290 G09
VIN = 12V, VAUX = 5V,
VOUT– = 15V, IVOUT = 1mA TO 20mA
VOUT
200mV/DIV
AC-COUPLED
250µs/DIV
3290 G10
VIN = 12V, VAUX = 12V,
VOUT– = (VIN + 10V), IVOUT = 20mA
VOUT
200mV/DIV
AC-COUPLED
20mA
1mA
IVOUT
2.5ms/DIV
3290 G11
VIN = 12V, VAUX = 12V,
VOUT– = (VIN + 10V), IVOUT = 1mA TO 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com