Electronic Components Datasheet Search
  English  ▼

X  

LTC3290 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3290
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3290 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3290 Datasheet HTML 4Page - Analog Devices LTC3290 Datasheet HTML 5Page - Analog Devices LTC3290 Datasheet HTML 6Page - Analog Devices LTC3290 Datasheet HTML 7Page - Analog Devices LTC3290 Datasheet HTML 8Page - Analog Devices LTC3290 Datasheet HTML 9Page - Analog Devices LTC3290 Datasheet HTML 10Page - Analog Devices LTC3290 Datasheet HTML 11Page - Analog Devices LTC3290 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC3290
8
Rev. 0
For more information www.analog.com
OPERATION (Refer to the Block Diagram)
The LTC3290 is a high voltage boost charge pump that
uses an input power supply and an auxiliary supply to
generate high efficiency boosted output voltages. It sup-
ports a wide input power supply range from 4.5V to 55V
and a wide auxiliary power supply range from 4.5V to 55V
to generate boosted output voltages up to 55V.
Shutdown Mode
In shutdown mode, all circuitry except the internal bias
is turned off. The LTC3290 is in shutdown when a logic
low is applied to the enable input (EN). The LTC3290 only
draws 3µA (typ.) from the VIN supply in shutdown. If the
VAUX pin is tied to VIN it draws an additional 1µA (typ.)
in shutdown.
Charge Pump Operation and VOUT Regulation
The LTC3290 boost charge pump provides low power
BurstMode®operation.Theboostchargepumpandoscilla-
tor circuit are enabled using the EN pin. At the beginning of
a clock cycle, switches S1 and S4 are closed. The external
flying capacitor across the C+ and C– pins is charged to the
VAUXsupply.Inthesecondphaseoftheclockcycle,switches
S1andS4areopened,whileswitchesS2andS3areclosed.
In this configuration the C– side of the flying capacitor is
connected to VIN and charge is delivered through the C+
pin to VOUT. An external resistor divider from VOUT to the
FB and GND pins sets the output voltage at the VOUT pin.
The VOUT output voltage is given by
VOUT = 1V •
R2
R1
+ 1
⎛
⎝
⎜
⎞
⎠
⎟
Once the VOUT voltage reaches its programmed value, the
part shuts down the internal oscillator to reduce switch-
ing losses and goes into a low current state. This state is
referred to as the sleep state in which the part consumes
only about 15µA from the VINpin.Whentheoutputvoltage
droops enough to overcome the burst comparator hys-
teresis, the part wakes up and commences boost charge
pump cycles until the VOUT output voltage exceeds the
VOUT programmed voltage. For low current operation, it
is important to note that the external divider adds a cur-
rent equal to 2 • (1V/R1) to the total quiescent current.
Recommended range of values for R1 is 100k to 500k.
VIN Tracking Mode
The LTC3290 can be configured to set the VOUT voltage
to track the VIN voltage with a fixed offset as shown in
Figure 2.
VOUT
VOUT
VAUX
R2
CAUX
R1
VSET
FB
CFLY
GND
LTC3290
C–
C+
PGOOD
3290 F02
VAUX
BIAS
VIN
CIN
VIN
EN
COUT
CBIAS
Figure 1. Boost Charge Pump with VOUT Regulation
Figure 2. Boost Charge Pump with VIN Tracking
VOUT
VOUT
VIN
R2
CIN
R1
VSET
FB
CFLY
GND
LTC3290
C–
C+
PGOOD
3290 F03
VIN
EN
VAUX
VAUX
BIAS
COUT
CAUX
CBIAS
The VOUT output voltage in this configuration is given by
VOUT = VIN+1V •
R2
R1
⎛
⎝
⎜
⎞
⎠
⎟
In this configuration, the FB pin servos to 1V. This voltage
combined with the external resistor R1 creates a reference
current which is mirrored into the other external resistor
(R2) between the VOUT and VSET pins. The combination
of these two resistors creates a fixed offset voltage above
VIN at the VOUT pin. The magnitude of this offset is set
only by external resistors R1 and R2. The auxiliary sup-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com