Electronic Components Datasheet Search
  English  ▼

X  

LTC3290 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3290
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3290 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3290 Datasheet HTML 6Page - Analog Devices LTC3290 Datasheet HTML 7Page - Analog Devices LTC3290 Datasheet HTML 8Page - Analog Devices LTC3290 Datasheet HTML 9Page - Analog Devices LTC3290 Datasheet HTML 10Page - Analog Devices LTC3290 Datasheet HTML 11Page - Analog Devices LTC3290 Datasheet HTML 12Page - Analog Devices LTC3290 Datasheet HTML 13Page - Analog Devices LTC3290 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC3290
14
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2019
08/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 10. (VIN + 10V) Tracking Power Supply
VOUT, VIN vs Time
VOUT
(VIN + 10V)
VIN
1M
10µF
100k
VSET
FB
1µF
GND
LTC3290
C–
C+
PGOOD
3290 TA02
VIN
EN
VAUX
12V
BIAS
10µF
10µF
4.7µF
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
Switched-Capacitor Wide Input Range Voltage Converter
with Shutdown
Wide Input Voltage Range: 2V to 18V, ISD < 8µA, SO8 Package
LTC1514/LTC1515
Step-Up/Step-Down Switched Capacitor DC/DC Converters
VIN: 2V to 10V, VOUT: 3.3V to 5V, IQ = 60µA, SO8 Package
LT1611
150mA Output, 1.4MHz Micropower Inverting Switching
Regulator
VIN: 0.9V to 10V, VOUT: ±34V, ThinSOT™ Package
LT1614
250mA Output, 600kHz Micropower Inverting Switching
Regulator
VIN: 0.9V to 6V, VOUT: ±30V, IQ = 1mA, MS8, SO8 Packages
LTC1911
250mA, 1.5MHz Inductorless Step-Down DC/DC Converter
VIN: 2.7V to 5.5V, VOUT: 1.5V/1.8V, IQ = 180µA, MS8 Package
LTC3250/LTC3250-1.2/
LTC3250-1.5
Inductorless Step-Down DC/DC Converter
VIN: 3.1V to 5.5V, VOUT: 1.2V, 1.5V, IQ = 35µA, ThinSOT Package
LTC3251
500mA Spread Spectrum Inductorless Step-Down DC/DC
Converter
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, 1.2V, 1.5V, IQ = 9µA,
MS10E Package
LTC3252
Dual 250mA, Spread Spectrum Inductorless Step-Down
DC/DC Converter
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 50µA, DFN12 Package
LT1054/LT1054L
Switched Capacitor Voltage Converter with Regulator
VIN: 3.5V to 15V/7V, IOUT = 100mA/125mA, N8, S08, SO16
Packages
LTC3260
Low Noise Dual Supply Inverting Charge Pump
VIN: 4.5V to 32V, ILDO± = 50mA, DE14, MSE16 Packages
LTC3261
High Voltage, Low Quiescent Current Inverting Charge Pump VIN: 4.5V to 32V, IOUT = 100mA, MSE12 Package
LTC3265
Low Noise Dual Supply with Boost and Inverting
Charge Pumps
VIN: 4.5V to 16V, ILDO± = 50mA, DFN18, TSSOP20 Packages
LTC3256
Wide VIN Range, Dual Output 350mA Step-Down Charge
Pump with Watchdog Timer
VIN: 5.5V to 38V, VOUT: 5V/3.3V, IOUT = 100mA/250mA, MSE16
Package
LTC3245
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge
Pump
VIN: 2.7V to 38V, VOUT: 2.5V to 5V/3.3V/5V, IOUT = 250mA, DFN12
and MSE12 Packages
LTC3255
Wide VIN Range, Fault Protected, 50mA Step-Down Charge
Pump
VIN: 4V to 48V, VOUT: 2.4V to 12.5V, IOUT = 50mA, DFN10 and
MSE10 Packages
0V
3290 TA02b
400ms/DIV
VIN
VAUX
VOUT
VAUX = 12V
VIN RAMP FROM 0V TO 40V
VOUT = VIN + 10V
IOUT = 1mA (FROM VOUT TO VIN)
ALL CHANNELS 10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com