Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1421
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1421 Datasheet(HTML) 5 Page - Analog Devices

  LTC1421 Datasheet HTML 1Page - Analog Devices LTC1421 Datasheet HTML 2Page - Analog Devices LTC1421 Datasheet HTML 3Page - Analog Devices LTC1421 Datasheet HTML 4Page - Analog Devices LTC1421 Datasheet HTML 5Page - Analog Devices LTC1421 Datasheet HTML 6Page - Analog Devices LTC1421 Datasheet HTML 7Page - Analog Devices LTC1421 Datasheet HTML 8Page - Analog Devices LTC1421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC4213
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C. VCC = 5V unless otherwise noted.
∆VGSMAX and ∆VGSARM vs VCC
∆VGSMAX and ∆VGSARM vs
Temperature
VON(TH) vs VCC
VON(TH) vs Temperature
∆VOV vs VCC
∆VOV vs Temperature
tDEBOUNCE and tREADY vs VCC
tDEBOUNCE and tREADY vs
Temperature
tRESET vs VCC
BIAS SUPPLY VOLTAGE (V)
2.0
3
5
4
6
7
3.0
4.0
5.0
6.0
4213 G10
8
2.5
3.5
4.5
5.5
∆VGSMAX
∆VGSARM
3
5
4
6
7
4213 G11
8
TEMPERATURE (°C)
–50
0
50
100 125
–25
25
75
∆VGSMAX (FOR 2.5VCC)
∆VGSARM (FOR 2.5VCC)
∆VGSMAX (FOR 5VCC)
∆VGSARM (FOR 5VCC)
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G12
2.5
3.5
4.5
5.5
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
TEMPERATURE (°C)
–50
0
50
100 125
4213 G13
–25
25
75
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G14
2.5
3.5
4.5
5.5
0.66
0.68
0.70
0.72
0.74
4213 G15
0.4
0.6
0.5
0.7
0.8
0.9
1.0
TEMPERATURE (°C)
–50
0
50
100 125
–25
25
75
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
2.5
3.5
4.5
5.5
0
20
40
60
4213 G16
80
100
tDEBOUNCE
tREADY
TEMPERATURE (°C)
–50
0
50
100 125
–25
25
75
0
20
40
60
4213 G17
80
100
tDEBOUNCE
tREADY
BIAS SUPPLY VOLTAGE (V)
2.0
0
40
20
60
80
3.0
4.0
5.0
6.0
4213 G18
100
120
2.5
3.5
4.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com