Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1421
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1421 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1421 Datasheet HTML 6Page - Analog Devices LTC1421 Datasheet HTML 7Page - Analog Devices LTC1421 Datasheet HTML 8Page - Analog Devices LTC1421 Datasheet HTML 9Page - Analog Devices LTC1421 Datasheet HTML 10Page - Analog Devices LTC1421 Datasheet HTML 11Page - Analog Devices LTC1421 Datasheet HTML 12Page - Analog Devices LTC1421 Datasheet HTML 13Page - Analog Devices LTC1421 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC4213
10
Rev. A
For more information www.analog.com
OPERATION
Overview
The LTC4213 is an electronic circuit breaker (ECB) that senses
load current with the the RDS(ON) of the external MOSFET
instead of using an external sense resistor. This No RSENSE
methodislessprecisethanRSENSEmethodduetothevariation
of RDS(ON). However, the advantages are less complex, lower
cost and reduce voltage and power loss in the switch path
owing to the absence of a sense resistor. Without the exter-
nal sense resistor voltage drop, the VOUT improvement can
be quite significant especially in the low voltage applications.
The LTC4213 is designed to operate over a bias supply range
from 2.3V to 6V. When bias supply voltage and the ON pin are
sufficiently high, the GATE pin starts charging after an internal
debounce delay of 60µs. During the GATE ramp-up, the circuit
breaker is not armed until the external MOSFET is fully turned
on. Once the circuit breaker is armed, the LTC4213 monitors
the load current through the RDS(ON) of the external MOSFET.
Circuit Breaker Function
The LTC4213 provides dual level and dual response time
circuit breaker functions for overcurrent protection.
The LTC4213 circuit breaker function block consists
of two comparators, SLOWCOMP and FASTCOMP. The
thresholds of SLOWCOMP and FASTCOMP are VCB and
VCB(FAST). The ISEL pin selects one of the three settings:
1. VCB = 25mV and VCB(FAST) = 100mV with ISEL at GND
2. VCB = 50mV and VCB(FAST) = 175mV with ISEL floating
3. VCB = 100mV and VCB(FAST) = 325mV with ISEL at VCC
ISEL can be stepped dynamically, such as to allow a higher
circuit breaker threshold at startup and a lower threshold
after supply current has settled. The inputs of the compar-
ators are SENSEP and SENSEN pins. The voltage across
the drain and source of the external MOSFET is sensed at
SENSEP and SENSEN.
ΔVSENSE = VSENSEP − VSENSEN
(1)
When ∆VSENSE exceeds the VCB threshold but is less than
VCB(FAST), the comparator SLOWCOMP trips the circuit
breaker after a 16µs delay. If ∆VSENSE is greater than
VCB(FAST), the comparator FASTCOMP trips the circuit
breaker in 1µs.
A severe short circuit condition can cause the load supply
to dip substantially. This does not pose a problem for the
LTC4213 as the input stages of the current limit compar-
ators are common mode to ground.
Figure 1 shows an electronic circuit breaker (ECB) appli-
cation. An external auxiliary supply biases the VCC pin
and the internal circuitry. A VIN load supply powers the
load via an external MOSFET. The SENSEP and SENSEN
pins sense the load current at the drain and source of
the external MOSFET. In ECB applications, large input
bypass capacitors are usually recommended for good
transient performance.
Undervoltage Lockout
An internal undervoltage lockout (UVLO) circuit resets the
LTC4213 if the VCC supply is too low for normal opera-
tion. The UVLO comparator (UVCOMP) has a low-to-high
threshold of 2.07V and 100mV of hysteresis. UVLO shares
the glitch filters for both low-to-high transition (startup)
and high-to-low transition (reset) with the ON pin com-
parators. Above 2.07V bias supply voltage, the LTC4213
starts if the ON pin conditions are met. Short, shallow
bus bias supply transient dips below 1.97V of less than
80µs are ignored.
APPLICATIONS INFORMATION
Figure 1. LTC4213 Electronic Circuit Breaker Application
4213 F01
+
LTC4213
VCC
ON
READY
C1
0.1µF
CLOAD
100µF
R4
10k
ISEL
GND
GATE
Q1
SI4864DY
VCC
VOUT
1.25V
3.5A
SENSEN
SENSEP
VBIAS
2.5V
VIN
1.25V
+
CIN
100µF
OFF ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com