Electronic Components Datasheet Search
  English  ▼

X  

LTC1421 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC1421
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1421 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC1421 Datasheet HTML 14Page - Analog Devices LTC1421 Datasheet HTML 15Page - Analog Devices LTC1421 Datasheet HTML 16Page - Analog Devices LTC1421 Datasheet HTML 17Page - Analog Devices LTC1421 Datasheet HTML 18Page - Analog Devices LTC1421 Datasheet HTML 19Page - Analog Devices LTC1421 Datasheet HTML 20Page - Analog Devices LTC1421 Datasheet HTML 21Page - Analog Devices LTC1421 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC4213
18
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
activates and the GATE pin pulls down and turns off the
external MOSFET.
Typical Electronic Fuse Application for a Single
Supply System
Figure 6 shows a single supply electronic fuse applica-
tion. An RC filter at VCC pin filters out transient spikes.
An optional Schottky diode can be added if severe VCC
dips during a fault start-up condition is a concern. The
use of the Schottky and RC filter combination is allowed
if the load supply is above 2.9V and the total voltage drop
towards the VCC pin is less than 0.4V. The LTC4213’s
internal UVLO filter further rejects bias supply’s transients
of less than tRESET. During power-up, it is good engineer-
ing practice to ensure that VCC is fully established before
the ON pin enables the system at VON = 0.8V. In this appli-
cation, the VCC voltage reached final value approximately
after a 5.3 • R1 C1 delay. This is followed by the ON pin
exceeding 0.8V after a 0.17 • R2C2 delay. The GATE pin
starts up after an internal tDEBOUNCE delay.
Typical Single Supply Hot Swap Application
A typical single supply hot swap application is shown in
Figure 7. The RESET signal at the backplane is held low
initially. When the PCB long edge makes contact the ON
pin is held low (<0.4V) and the LTC4213 is kept in reset
mode. When the short edge makes contact the VIN load
supply is connected to the card. The VCC is biased via
the RC filter. The VOUT is pre-charged via R5. To pow-
er-up successfully, the R5 resistor value should be small
enough to provide the load requirement and to overcome
the 280µA current source sinking into the SENSEN pin.
On the other hand, the R5 resistor value should be big
enough avoiding big inrush current and preventing big
short circuit current. When RESET signals high at back-
plane, C2 capacitor at the ON pin charges up via the R3/
R2 resistive divider. When ON pin voltage exceeds 0.8V,
the GATE pin begins to ramp up. When the GATE voltage
peaks, the external MOSFET is fully turned on and the
VIN-to-VOUT voltage drop reduces. In normal mode oper-
ation, the LTC4213 monitors the load current through the
RDS(ON) of the external MOSFET.
Figure 6. Single Supply Electronic Fuse
4213 F06
+
LTC4213
VCC
ON
READY
C1
10F
CLOAD
100F
R4
10k
ISEL
GND
GATE
Q1
SI4410DY
Q2
2N7002
VIN
VOUT
5V
1A
SENSEN
SENSEP
CIN
100F
R1
33Ω
D1
MBRO520L
R3
324k
R2
80.6k
RESET
VIN
5V
+
C2
0.22F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com