Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4160
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4160 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4160 Datasheet HTML 3Page - Analog Devices LTC4160 Datasheet HTML 4Page - Analog Devices LTC4160 Datasheet HTML 5Page - Analog Devices LTC4160 Datasheet HTML 6Page - Analog Devices LTC4160 Datasheet HTML 7Page - Analog Devices LTC4160 Datasheet HTML 8Page - Analog Devices LTC4160 Datasheet HTML 9Page - Analog Devices LTC4160 Datasheet HTML 10Page - Analog Devices LTC4160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC4041
7
Rev A
For more information www.analog.com
Charge Current Reduction Due to
Input Current Limit
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
PROG Voltage Transient
Response To System Step Load
Backup Boost Output Voltage
(VSYS) vs Temperature
Backup Boost Oscillator
Frequency vs Temperature
Backup Boost Maximum
Duty Cycle vs Temperature
Backup Boost Efficiency
vs Load Current for VSYS = 5V
Backup Boost Efficiency
vs Load Current for VSYS = 3.3V
Backup Boost NMOS
On-Resistance vs VSYS
Backup Boost PMOS
On-Resistance vs VSYS
VSYS = 5V
RPROG = 1k
RS = 10mΩ
VSCAP = 2.5V
TOTAL INPUT CURRENT
ISCAP
SYSTEM LOAD CURRENT (mA)
0
500
1000 1500 2000 2500 3000
0
500
1000
1500
2000
2500
3000
4041 G10
VSCAP = 3.5V
RPROG = 1k
RS = 10mΩ
ISCAP
VPROG
ISYS
TIME (ms)
–0.3
0
0.3
0.6
0.9
1.2
1.5
–1.2
–0.8
–0.4
0.0
0.4
0.8
1.2
–1.0
0
1.0
2.0
3.0
4.0
5.0
4041 G11
VSYS = SET TO 5V
VSCAP = 3.5V
ISYS = 1mA
TEMPERATURE (°C)
–45
–10
25
60
95
130
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
4041 G12
VSCAP = 2.5V
VSYS = 5V
VSYS = 2.7V
TEMPERATURE (°C)
–45
–10
25
60
95
130
0.80
0.90
1.00
1.10
1.20
1.30
4041 G13
VSYS = 5V
VSYS = 2.7V
TEMPERATURE (°C)
–45
–10
25
60
95
130
82
83
84
85
86
87
88
89
90
4041 G14
VSYS = 5V
VSCAP = 2.5V
VSCAP = 3.5V
VSCAP = 4.5V
LOAD CURRENT (A)
1m
10m
100m
1
3
0
10
20
30
40
50
60
70
80
90
100
4041 G15
VSYS = 3.3V
VSCAP = 1.5V
VSCAP = 2.0V
VSCAP = 2.5V
LOAD CURRENT (A)
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
4041 G16
130°C
25°C
–45°C
VSYS (V)
2.65
3.05
3.45
3.85
4.25
4.65
5.05
20
40
60
80
100
120
140
160
4041 G17
130°C
25°C
–45°C
VSYS (V)
2.65
3.05
3.45
3.85
4.25
4.65
5.05
20
40
60
80
100
120
140
160
4041 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com