Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4160
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4160 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4160 Datasheet HTML 18Page - Analog Devices LTC4160 Datasheet HTML 19Page - Analog Devices LTC4160 Datasheet HTML 20Page - Analog Devices LTC4160 Datasheet HTML 21Page - Analog Devices LTC4160 Datasheet HTML 22Page - Analog Devices LTC4160 Datasheet HTML 23Page - Analog Devices LTC4160 Datasheet HTML 24Page - Analog Devices LTC4160 Datasheet HTML 25Page - Analog Devices LTC4160 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC4041
22
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
2. To minimize parasitic inductance, the ground plane
should be as close as possible to the top plane of
the PC board (Layer 2). High frequency currents in
the hot loop tend to flow along a mirror path on the
ground plane which is directly beneath the incident
path on the top plane of the board as illustrated in
Figure 4. If there are slits or cuts or drill-holes in this
mirror path on the ground plane due to other traces,
the current will be forced to go around the slits. When
high frequency currents are not allowed to flow back
through their natural least-area path, excessive volt-
age will build up and radiated emissions will occur.
So every effort should be made to keep the hot-loop
current path as unbroken as possible.
3. The other important components that need to be
placed close to the pins are the supercapacitor (con-
nected to the SCAP pin) and the inductor L1. Even
though the current through these components is
continuous, they can change very abruptly due to
a sudden change in load demand. Also, their traces
should be wide enough to handle currents as high as
the NMOS current limit (typical 6.5A) in backup boost
mode.
4. Locate the VSYS dividers for BSTFB and RSTFB near
the IC but away from the switching components.
Kelvin the top of the resistor dividers to the positive
terminal of CSYS. The bottom of the resistor dividers
should return to the ground plane away from the hot-
loop current path. The same is true for the PFI divider
and the CAPFB divider.
5. The exposed pad on the backside of the LTC4041
package must be securely soldered to the PC board
ground and also must have a group of vias con-
necting it to the ground plane for optimum thermal
performance. Also this is the only ground pin in the
package, and it serves as the return path for both the
control circuitry and the switching converter.
6. The IGATE pin for controlling the gates of the external
pass transistors has extremely limited drive current.
Care must be taken to minimize leakage to adjacent
PC board traces. To minimize leakage, the trace can
be guarded on the PC board by surrounding it with
VSYS connected metal.
Figure 4. High Frequency Ground Currents Follow
Their Incident Path. Slices in the Ground Plane
Cause High Voltage and Increased EMI
4041 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com