Electronic Components Datasheet Search
  English  ▼

X  

LTC4160 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4160
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4160 Datasheet(HTML) 3 Page - Analog Devices

  LTC4160 Datasheet HTML 1Page - Analog Devices LTC4160 Datasheet HTML 2Page - Analog Devices LTC4160 Datasheet HTML 3Page - Analog Devices LTC4160 Datasheet HTML 4Page - Analog Devices LTC4160 Datasheet HTML 5Page - Analog Devices LTC4160 Datasheet HTML 6Page - Analog Devices LTC4160 Datasheet HTML 7Page - Analog Devices LTC4160 Datasheet HTML 8Page - Analog Devices LTC4160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC4041
3
Rev A
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3) VIN = VSYS = 5V, VSCAP = 2.5V, RPROG = 2k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
l
2.9
5.5
V
VSCAP
Supercapacitor Voltage Range (Backup
Boost Input)
l
5.4
V
Quiescent Current in Charger Mode with
Charging Complete and Backup Boost
Active (CAPSEL = 1)
VIN and VSYS Total Quiescent Current
800
1600
µA
SCAP Quiescent Current
13
26
µA
Quiescent Current in Charger Mode with
Charging Complete and Backup Boost in
Sleep (CAPSEL = 1)
VIN and VSYS Total Quiescent Current
275
550
µA
SCAP Quiescent Current
13
26
µA
Quiescent Current in Backup Mode with
Backup Boost in Sleep
(VIN = 0V, CAPSEL = 1)
VSYS Quiescent Current
l
75
150
µA
SCAP Quiescent Current
l
1
2
µA
Quiescent Current in Shutdown
(CHGEN = BSTEN = CAPSEL = 1, VSYS = 0V)
VIN Quiescent Current
5.5
11
µA
SCAP Quiescent Current
l
0
1
µA
Buck Supercapacitor Charger
VCAPFB
CAPFB Pin Servo Voltage
l
0.788
0.80
0.812
V
ICAPFB
CAPFB Pin Input Leakage Current
–50
0
50
nA
ICHG
Regulated Supercapacitor Charge Current
RPROG = 2k, VSCAP >1V
950
1000
1050
mA
VSYS-to-VSCAP Differential Undervoltage
Lockout Threshold
(VSYS – VSCAP) Falling
(VSYS – VSCAP) Rising
30
100
50
150
70
200
mV
mV
VPROG
PROG Pin Servo Voltage
800
mV
hPROG
Ratio of Charge Current to PROG Pin Current
2500
mA/mA
Input Current Limit Threshold Voltage
VIN – VCLN
l
23.5
22
25
25
26.5
28
mV
mV
AIMON
Input Current Limit Amplifier Gain
Ratio of VIMON to (VIN – VCLN)
32
V/V
CLN Input Bias Current
VCLN = VIN
300
nA
VRECHRG
Recharge Threshold Voltage
As a Percentage of the Regulated VSCAP
96.2
97.5
98.8
%
End-of-Charge Indication
PROG Pin Average Voltage
100
mV
CAPGD Rising Threshold
As a Percentage of the Regulated VSCAP
90
92.5
95
%
Hysteresis
As a Percentage of the Regulated VSCAP
2.5
%
fOSC(BUCK)
Step-Down Converter Switching Frequency VSCAP>1V
2.0
2.25
2.5
MHz
RP(BUCK)
High Side Switch On-Resistance
130
mΩ
RN(BUCK)
Low Side Switch On-Resistance
120
mΩ
ILIM(BUCK)
PMOS Switch Current Limit
3
4.3
A
Supercapacitor Balancer
VBAL
Supercapacitor Balance Point
As a Percentage of VSCAP, VSCAP = 5V
49
50
51
%
ISOURCE
Balancer Source Current
VSCAP = 5V, VBAL = 2.4V
50
mA
ISINK
Balancer Sink Current
VSCAP = 5V, VBAL = 2.6V
50
mA
Top/Bottom Supercapacitor Overvoltage
Threshold
(VSCAP – VBAL) and/or VBAL Rising, CAPSEL = 1 l
2.7
2.8
V
Hysteresis
55
mV
Top/Bottom Supercapacitor Undervoltage
Threshold
(VSCAP – VBAL) and/or VBAL Falling, CAPSEL = 1 l
–50
–20
mV
Hysteresis
30
mV
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com