Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8608
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 5 Page - Analog Devices

  LT8608 Datasheet HTML 1Page - Analog Devices LT8608 Datasheet HTML 2Page - Analog Devices LT8608 Datasheet HTML 3Page - Analog Devices LT8608 Datasheet HTML 4Page - Analog Devices LT8608 Datasheet HTML 5Page - Analog Devices LT8608 Datasheet HTML 6Page - Analog Devices LT8608 Datasheet HTML 7Page - Analog Devices LT8608 Datasheet HTML 8Page - Analog Devices LT8608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8607/LT8607B
5
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency (5V Output, Burst Mode
Operation)
Efficiency (5V Output, Burst Mode
Operation)
Efficiency (3.3V Output,
Burst Mode Operation)
Efficiency (3.3V Output,
Burst Mode Operation)
FB Voltage
Load Regulation
Line Regulation
INPUT VOLTAGE (V)
2
10
18
26
34
42
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
8607 G08
TEMPERATURE (°C)
–50
–10
30
70
110
150
775
776
777
778
779
780
8607 G05
OUTPUT CURRENT (mA)
0
125
250
375
500
625
750
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
8607 G07
TA = 25°C, unless otherwise noted.
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 4.7µH
SYNC = 0V OR LT8607 DFN
IOUT (mA)
0
125
250
375
500
625
750
50
55
60
65
70
75
80
85
90
95
100
8607 G01
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 4.7µH
IOUT (mA)
0.001 0.01
0.1
1
10
100
900
0
10
20
30
40
50
60
70
80
90
100
8607 G02
SYNC = 0V OR LT8607 DFN
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (mA)
0
125
250
375
500
625
750
50
55
60
65
70
75
80
85
90
95
100
8607 G03
SYNC = 0V OR LT8607 DFN
fSW = 2MHz
VIN = 12V
VIN = 24V
L = 2.2µH
IOUT (mA)
0.001 0.01
0.1
1
10
100
900
0
10
20
30
40
50
60
70
80
90
100
8607 G04
SYNC = 0V OR LT8607 DFN
VOUT Voltage
No-Load Supply Current
(3.3V Output Switching)
L = 2.2µH
INPUT VOLTAGE (V)
2
10
18
26
34
42
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
8607 G09
SYNC = 0V OR LT8607 DFN
TEMPERATURE (°C)
–50
–10
30
70
110
150
4.97
4.98
4.99
5.00
5.01
5.02
OUT
8607 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com