Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8608
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8608 Datasheet HTML 14Page - Analog Devices LT8608 Datasheet HTML 15Page - Analog Devices LT8608 Datasheet HTML 16Page - Analog Devices LT8608 Datasheet HTML 17Page - Analog Devices LT8608 Datasheet HTML 18Page - Analog Devices LT8608 Datasheet HTML 19Page - Analog Devices LT8608 Datasheet HTML 20Page - Analog Devices LT8608 Datasheet HTML 21Page - Analog Devices LT8608 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8607/LT8607B
18
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
the ground plane as much as possible, and add thermal
vias under and near the LT8607 to additional ground
planes within the circuit board and on the bottom side.
Thermal Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8607. Figure 5 shows the recommended component
placement with trace, ground plane and via locations.
The exposed pad on the bottom of the package must be
soldered to a ground plane. This ground should be tied
to large copper layers below with thermal vias; these lay-
ers will spread heat dissipated by the LT8607. Placing
additional vias can reduce thermal resistance further. The
maximum load current should be derated as the ambient
temperature approaches the maximum junction rating.
Power dissipation within the LT8607 can be estimated
by calculating the total power loss from an efficiency
measurement and subtracting the inductor loss. The
die temperature is calculated by multiplying the LT8607
power dissipation by the thermal resistance from junction
to ambient. The LT8607 will stop switching and indicate
a fault condition if safe junction temperature is exceeded.
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Note that large,
switched currents flow in the LT8607’s VIN pins, GND
pins, and the input capacitor (CIN). The loop formed by
the input capacitor should be as small as possible by
placing the capacitor adjacent to the VIN and GND pins.
When using a physically large input capacitor the result-
ing loop may become too large in which case using a
small case/value capacitor placed close to the VIN and
GND pins plus a larger capacitor further away is pre-
ferred. These components, along with the inductor and
output capacitor, should be placed on the same side of
the circuit board, and their connections should be made
on that layer. Place a local, unbroken ground plane under
the application circuit on the layer closest to the surface
layer. The SW and BOOST nodes should be as small as
possible. Finally, keep the FB and RT nodes small so
that the ground traces will shield them from the SW and
BOOST nodes. The exposed pad on the bottom of the
package must be soldered to ground so that the pad is
connected to ground electrically and also acts as a heat
sink thermally. To keep thermal resistance low, extend
Figure 5. PCB Layout
8607 F05
GND VIA
VIN VIA
VOUT VIA
EN/UV VIA
OTHER SIGNAL VIA
COUT
CIN
CBST
CVCC
GROUND PLANE ON LAYER 2
RT
L
CIN(OPT)
R1
CFF R2
R4
R3
RPG
1
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com