Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8608
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8608 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8608 Datasheet HTML 13Page - Analog Devices LT8608 Datasheet HTML 14Page - Analog Devices LT8608 Datasheet HTML 15Page - Analog Devices LT8608 Datasheet HTML 16Page - Analog Devices LT8608 Datasheet HTML 17Page - Analog Devices LT8608 Datasheet HTML 18Page - Analog Devices LT8608 Datasheet HTML 19Page - Analog Devices LT8608 Datasheet HTML 20Page - Analog Devices LT8608 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8607/LT8607B
17
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
RT resistor should be chosen to set the LT8607 switch-
ing frequency equal to or below the lowest synchroni-
zation input. For example, if the synchronization signal
will be 500kHz and higher, the RT should be selected for
500kHz. The slope compensation is set by the RT value,
while the minimum slope compensation required to avoid
subharmonic oscillations is established by the inductor
size, input voltage, and output voltage. Since the syn-
chronization frequency will not change the slopes of the
inductor current waveform, if the inductor is large enough
to avoid subharmonic oscillations at the frequency set by
RT, then the slope compensation will be sufficient for all
synchronization frequencies.
For some applications it is desirable for the LT8607 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned
to the clock. Second is that full switching frequency is
reached at lower output load than in Burst Mode operation
as shown in Figure 2 in an earlier section. These two differ-
ences come at the expense of increased quiescent current.
To enable pulse-skipping mode the SYNC pin is floated.
For some applications, reduced EMI operation may be
desirable, which can be achieved through spread spec-
trum modulation. This mode operates similar to pulse
skipping mode operation, with the key difference that the
switching frequency is modulated up and down by a 3kHz
triangle wave. The modulation has the frequency set by RT
as the low frequency, and modulates up to approximately
20% higher than the frequency set by RT. To enable spread
spectrum mode, tie SYNC to INTVCC or drive to a voltage
between 3.2V and 5V.
The LT8607 does not operate in forced continuous mode
regardless of SYNC signal. The LT8607 DFN is always
programmed for Burst Mode operation and cannot
enter pulse-skipping mode. The LT8607B DFN is pro-
grammed for pulse-skipping mode and cannot enter Burst
Mode operation.
Shorted and Reversed Input Protection
The LT8607 will tolerate a shorted output. Several features
are used for protection during output short-circuit and
brownout conditions. The first is the switching frequency
will be folded back while the output is lower than the set
point to maintain inductor current control. Second, the
bottom switch current is monitored such that if inductor
current is beyond safe levels switching of the top switch
will be delayed until such time as the inductor current
falls to safe levels. This allows for tailoring the LT8607
to individual applications and limiting thermal dissipation
during short circuit conditions.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, tied high or floated, the LT8607 will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where
the output will be held high when the input to the LT8607
is absent. This may occur in battery charging applications
or in battery backup systems where a battery or some
other supply is diode ORed with the LT8607’s output.
If the VIN pin is allowed to float and the EN pin is held
high (either by a logic signal or because it is tied to VIN),
then the LT8607’s internal circuitry will pull its quiescent
current through its SW pin. This is acceptable if the sys-
tem can tolerate several µA in this state. If the EN pin is
grounded the SW pin current will drop to near 0.7µA.
However, if the VIN pin is grounded while the output is
held high, regardless of EN, parasitic body diodes inside
the LT8607 can pull current from the output through the
SW pin and the VIN pin. Figure 4 shows a connection of
the VIN and EN/UV pins that will allow the LT8607 to run
only when the input voltage is present and that protects
against a shorted or reversed input.
VIN
VIN
LT8607
GND
D1
8607 F04
EN/UV
Figure 4. Reverse VIN Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com