Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8607/LT8607B
7
Rev. D
For more information www.analog.com
Switching Frequency
vs Temperature
Burst Frequency vs
Output Current
RT = 18.2kΩ
TEMPERATURE (°C)
–50
–10
30
70
110
150
1975
1980
1985
1990
1995
2000
2005
2010
2015
2020
2025
8607 G19
SYNC = 0V OR LT8607 DFN
OUTPUT CURRENT (mA)
0
25
50
75
100
125
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8607 G20
VIN = 12V
L = 2.2µH
VOUT = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Load to Full
Frequency (SYNC Float to 1.9V)
(MSOP Package) or LT8607B DFN
Frequency Foldback
Soft-Start Tracking
(MSOP Package)
Soft-Start Current vs Temperature
(MSOP Package)
Start-Up Dropout
VIN UVLO vs Temperature
Start-Up Dropout
INPUT VOLTAGE (V)
0
5
10 15 20 25 30 35 40 45
0
25
50
75
100
125
150
8607 G21
VIN = 12V
L = 2.2µH
VOUT = 3.3V
RT = 18.2kΩ
SS VOLTAGE (V)
0 0.1 0.2 0.4 0.5 0.6 0.7 0.8 1.0 1.1 1.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
8607 G23
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
8607 G24
VIN
VOUT
RLOAD = 50Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8607 G26
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
2.00
2.25
2.50
2.75
3.00
3.25
8607 G25
VIN
VOUT
RLOAD = 6.66Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8607 G27
TA = 25°C, unless otherwise noted.
FB VOLTAGE (V)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8607 G22
SYNC = 0V OR LT8607 DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com