Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8640
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8607/LT8607B
8
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
Switching Waveforms
Transient Response
Switching Waveforms
(Burst Mode)
Transient Response
200ns/DIV
ILOAD
200mA/DIV
VSW
5V/DIV
8607 G28
12VIN TO 5VOUT AT 500mA
2MHz
200µs/DIV
ILOAD
200mA/DIV
VOUT
100mV/DIV
8607 G31
VIN =12V
VOUT = 5V
50mA TO 550mA
COUT = 22µF
fSW = 2MHz
100µs/DIV
ILOAD
200mA/DIV
VOUT
100mV/DIV
8607 G32
VIN =12V
VOUT = 5V
250mA TO 750mA
COUT = 22µF
fSW = 2MHz
200ns/DIV
ILOAD
200mA/DIV
VSW
10V/DIV
8607 G29
36VIN TO 5VOUT AT 500mA
2MHz
2µs/DIV
VOUT
20mV/DIV
ILOAD
200mA/DIV
VSW
10V/DIV
8607 G30
12VIN TO 5VOUT AT 7.5mA
22µF COUT
TA = 25°C, unless otherwise noted.
Radiated EMI Performance
(CISPR 25 Radiated Emission Test with Class 5 Peak Limits)
FREQUENCY (MHz)
50
–5
40
25
15
5
30
45
35
20
10
0
–10
8607 G33
0
500
900
300
700
1000
400
800
200
600
100
VERTICAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY
DC2565A DEMO BOARD
WITH EMI FILTER INSTALLED
14V INPUT TO 5V OUTPUT AT 500mA, fSW = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com