Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8640
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT8607/LT8607B
9
Rev. D
For more information www.analog.com
PIN FUNCTIONS
BST: This pin is used to provide a drive voltage, higher
than the input voltage, to the topside power switch. Place
a 0.1µF boost capacitor as close as possible to the IC. Do
not place a resistor in series with this pin.
SW: The SW pin is the output of the internal power
switches. Connect this pin to the inductor and boost
capacitor. This node should be kept small on the PCB for
good performance.
INTVCC: Internal 3.5V Regulator Bypass Pin. The internal
power drivers and control circuits are powered from this
voltage. INTVCC max output current is 20mA. Voltage on
INTVCC will vary between 2.8V and 3.5V. Decouple this
pin to power ground with at least a 1µF low ESR ceramic
capacitor. Do not load the INTVCC pin with external circuitry.
RT: A resistor is tied between RT and ground to set the
switching frequency. When synchronizing, the RT resistor
should be chosen to set the LT8607 switching frequency
to equal or below the lowest synchronization input.
SYNC (MSOP Only): External Clock Synchronization
Input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to a clock source for synchroni-
zation to an external frequency. Leave floating for pulse-
skipping mode with no spread spectrum modulation. Tie
to INTVCC or tie to a voltage between 3.2V and 5.0V for
pulse-skipping mode with spread spectrum modulation.
When in pulse-skipping mode, the IQ regulating no load
will increase to several mA. There is no SYNC pin on
the LT8607 DFN package. The LT8607 DFN internally
ties SYNC to ground. The LT8607B package internally
floats SYNC.
FB (LT8607/LT8607B Only): The LT8607 regulates the
FB pin to 0.778V. Connect the feedback resistor divider
tap to this pin.
VOUT (LT8607-5 Only): The LT8607-5 regulates the VOUT
pin to 5V. This pin connects to a 6.6MΩ internal divider.
TR/SS (MSOP Only): Output Tracking and Soft-Start Pin.
This pin allows user control of output voltage ramp rate
during start-up. A TR/SS voltage below 0.778V forces the
LT8607 to regulate the FB pin to equal the TR/SS pin volt-
age. The LT8607-5 will track the TR/SS pin voltage based
on a factor set by the internal resistor divider. The part
will track to 6.43 times the TR/SS voltage. When TR/SS
is above 0.778V, the tracking function is disabled and the
internal reference resumes control of the error amplifier.
An internal 2µA pull-up current from INTVCC on this pin
allows a capacitor to program output voltage slew rate.
This pin is pulled to ground with a 300Ω MOSFET dur-
ing shutdown and fault conditions; use a series resistor
if driving from a low impedance output. There is no TR/
SS pin on the LT8607 or LT8607B DFN and the node is
internally floated.
PG: The PG pin is the open-drain output of an internal
comparator. PG remains low until the FB pin is within
±8.5% of the final regulation voltage, and there are no
fault conditions. PG is valid when VIN is above 3.2V and
when EN/UV is high. PG is pulled low when VIN is above
3.2V and EN/UV is low. If VIN is near zero, PG will be high
impedance.
VIN: The VIN pin supplies current to the LT8607 internal
circuitry and to the internal topside power switch. This pin
must be locally bypassed. Be sure to place the positive
terminal of the input capacitor as close as possible to the
VIN pins, and the negative capacitor terminal as close as
possible to the GND pins.
EN/UV: The LT8607 is shut down when this pin is low and
active when this pin is high. The hysteretic threshold volt-
age is 1.05V going up and 1.00V going down. Tie to VIN
if the shutdown feature is not used. An external resistor
divider from VIN can be used to program a VIN threshold
below which the LT8607 will shut down.
GND: Exposed Pad Pin. The exposed pad must be con-
nected to the negative terminal of the input capaci-
tor and soldered to the PCB in order to lower the
thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com