Electronic Components Datasheet Search
  English  ▼

X  

38B5 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 38B5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 45Page - Renesas Technology Corp 38B5 Datasheet HTML 46Page - Renesas Technology Corp 38B5 Datasheet HTML 47Page - Renesas Technology Corp 38B5 Datasheet HTML 48Page - Renesas Technology Corp 38B5 Datasheet HTML 49Page - Renesas Technology Corp 38B5 Datasheet HTML 50Page - Renesas Technology Corp 38B5 Datasheet HTML 51Page - Renesas Technology Corp 38B5 Datasheet HTML 52Page - Renesas Technology Corp 38B5 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
48
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Pulse Width Modulation (PWM)
The 38B5 group has a PWM function with a 14-bit resolution. When
the oscillation frequency XIN is 4 MHz, the minimum resolution bit
width is 250 ns and the cycle period is 4096 µs. The PWM timing
generator supplies a PWM control signal based on a signal that is
the frequency of the XIN clock.
The explanation in the rest of this data sheet assumes XIN = 4 MHz.
14
1/2
XIN
(4MHz)
P87/PWM0
bit7
bit0
bit5
MSB
LSB
PWM
bit7
bit0
Data bus
XCIN
“1”
“0”
PWM register (high-order)
(address 001416)
PWM register (low-order)
(address 001516)
It is set to “1”
when write.
PWM latch (14-bit)
14-bit PWM circuit
When an internal
system clock
selection bit is set
to “0”
Timing
generating
unit for PWM
(64
µs cycle)
(4096
µs cycle)
P87/PWM output
selection bit
P87 direction
register
P87/PWM output
selection bit
P87 latch
Fig. 53 PWM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com