Electronic Components Datasheet Search
  English  ▼

X  

38B5 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 38B5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 9Page - Renesas Technology Corp 38B5 Datasheet HTML 10Page - Renesas Technology Corp 38B5 Datasheet HTML 11Page - Renesas Technology Corp 38B5 Datasheet HTML 12Page - Renesas Technology Corp 38B5 Datasheet HTML 13Page - Renesas Technology Corp 38B5 Datasheet HTML 14Page - Renesas Technology Corp 38B5 Datasheet HTML 15Page - Renesas Technology Corp 38B5 Datasheet HTML 16Page - Renesas Technology Corp 38B5 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
12
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Table 5 List of I/O Port Functions (2)
Pin
Name
Input/Output
I/O Format
Non-Port Function
Related SFRs
Ref.No.
P80/FLD32– Port P8
Input/output,
Low-voltage input level
FLD automatic display function FLDC mode register
(1)
P83/FLD35
individual bits
High-breakdown voltage P-
Port P8FLD/port switch register
channel open-drain output
P84/FLD36
Low-voltage input level
(17)
P85/RTP0/
CMOS 3-state output
FLD automatic display function FLDC mode register
(18)
FLD37,
Real time port output
Port P8FLD/port switch register
P86/RTP1/
Timer X mode register 2
FLD38
P87/PWM0/
FLD automatic display function FLDC mode register
(19)
FLD39
PWM output
Port P8FLD/port switch register
PWM control register
P90/XCIN
Port P9
CMOS compatible input level Sub-clock generating circuit I/O CPU mode register
(20)
P91/XCOUT
CMOS 3-state output
(21)
Notes 1 : How to use double-function ports as function I/O ports, refer to the applicable sections.
2 : Make sure that the input level at each pin is either 0 V or Vcc during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from Vcc to Vss through the input-stage gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com