Electronic Components Datasheet Search
  English  ▼

X  

38B5 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 38B5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 55Page - Renesas Technology Corp 38B5 Datasheet HTML 56Page - Renesas Technology Corp 38B5 Datasheet HTML 57Page - Renesas Technology Corp 38B5 Datasheet HTML 58Page - Renesas Technology Corp 38B5 Datasheet HTML 59Page - Renesas Technology Corp 38B5 Datasheet HTML 60Page - Renesas Technology Corp 38B5 Datasheet HTML 61Page - Renesas Technology Corp 38B5 Datasheet HTML 62Page - Renesas Technology Corp 38B5 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
58
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 70 Clock Generating Circuit Block Diagram
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
(Note 3)
S
R
Q
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
1/2
1/2
Port XC
switch bit (Note 3)
“1”
“0”
“1”
Timer 1 count source
selection bit (Note 2)
Low-speed mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Internal system clock
selection bit (Notes 1, 3)
“1”
“0”
Timer 1
Timer 2
Timer 2 count source
selection bit (Note 2)
“0”
Main clock division ratio
selection bits (Note 3)
“1”
“0”
“1”
“0”
Notes 1: When low-speed mode is selected, set the port Xc switch bit (b4) to “1.”
2: Refer to the structure of the timer 12 mode register.
3: Refer to the structure of the CPU mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com