Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA230 Datasheet HTML 13Page - Texas Instruments INA230 Datasheet HTML 14Page - Texas Instruments INA230 Datasheet HTML 15Page - Texas Instruments INA230 Datasheet HTML 16Page - Texas Instruments INA230 Datasheet HTML 17Page - Texas Instruments INA230 Datasheet HTML 18Page - Texas Instruments INA230 Datasheet HTML 19Page - Texas Instruments INA230 Datasheet HTML 20Page - Texas Instruments INA230 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
The LSB for the Bus Voltage register (02h) is a fixed 1.25 mV/bit, which means that the 11.98 V present at the
VBUS pin results in a register value of 2570h, or a decimal equivalent of 9584. Note that the MSB of the Bus
Voltage register (02h) is always zero because the VBUS pin is only able to measure positive voltages.
The Power register (03h) is then calculated by multiplying the decimal value of the Current register, 10000, by
the decimal value of the Bus Voltage register (02h), 9584, and then dividing by 20,000, as defined in Equation
4. For this example, the result for the Power register (03h) is 12B8h, or a decimal equivalent of 4792. Multiplying
this result by the power LSB (25 times the [1 × 10–3 Current_LSB]) results in a power calculation of (4792
× 25 mW/bit), or 119.82 W. The power LSB has a fixed ratio to the Current_LSB of 25. For this example, a
programmed 1 mA/bit Current_LSB results in a power LSB of 25 mW/bit. This ratio is internally programmed
to ensure that the scaling of the power calculation is within an acceptable range. A manual calculation for the
power being delivered to the load would use a bus voltage of 11.98 V (12 VCM – 20 mV shunt drop) multiplied by
the load current of 10 A to give a result of 119.8 W.
Current
BusVoltage
20,000
·
Power =
(4)
Table 8-1 lists the steps for configuring, measuring, and calculating the values for current and power for this
device.
Table 8-1. Calculating Current and Power(1)
STEP
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Step 1
Configuration register
00h
4127h
—
—
—
Step 2
Shunt register
01h
1F40h
8000
2.5 µV
20 mV
Step 3
Bus Voltage register
02h
2570h
9584
1.25 mV
11.98 V
Step 4
Calibration register
05h
A00h
2560
—
—
Step 5
Current register
04h
2710
10000
1 mA
10 A
Step 6
Power register
03h
12B8h
4792
25 mW
119.82 W
(1)
Conditions: Load = 10 A, VCM = 12 V, RSHUNT = 2 mΩ, and VVBUS = 12 V.
8.5.2 Programming the INA230 Power Measurement Engine
8.5.2.1 Calibration Register and Scaling
The Calibration register makes it possible to set the scaling of the Current and Power registers to the values that
are most useful for a given application. One strategy may be to set the Calibration register so that the largest
possible number is generated in the Current register or Power register at the expected full-scale point. This
approach yields the highest resolution based on the previously calculated minimum Current_LSB in the equation
for the Calibration register (Equation 1). The Calibration register can also be selected to provide values in the
Current and Power registers that either provide direct decimal equivalents of the values being measured, or
yield a round LSB value for each corresponding register. After these choices have been made, the Calibration
register also offers possibilities for end-user, system-level calibration. By physically measuring the current with
an external ammeter, the exact current is known. The value of the Calibration register can then be adjusted
based on the measured current result of the INA230 to cancel the total system error, as shown in Equation 5.
Corrected_Full_Scale_Cal = trunc
Cal
MeasShuntCurrent
INA230_Current
´
(5)
8.5.3 Simple Current Shunt Monitor Usage (No Programming Necessary)
The INA230 can be used without any programming if it is only necessary to read a shunt voltage drop and bus
voltage with the default power-on reset configuration and continuous conversion of shunt and bus voltage.
Without programming the INA230 Calibration register, the device is unable to provide either a valid current or
power value, because these outputs are both derived using the values loaded into the Calibration register.
www.ti.com
INA230
SBOS601A – FEBRUARY 2012 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com