Electronic Components Datasheet Search
  English  ▼

X  

INA230 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA230
Description  INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA230 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA230 Datasheet HTML 25Page - Texas Instruments INA230 Datasheet HTML 26Page - Texas Instruments INA230 Datasheet HTML 27Page - Texas Instruments INA230 Datasheet HTML 28Page - Texas Instruments INA230 Datasheet HTML 29Page - Texas Instruments INA230 Datasheet HTML 30Page - Texas Instruments INA230 Datasheet HTML 31Page - Texas Instruments INA230 Datasheet HTML 32Page - Texas Instruments INA230 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
10 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond its power
supply voltage, VS. For example, the voltage applied to the VS pin can be 5 V, whereas the load power-supply
voltage being monitored (the common-mode voltage) can be as high as 36 V. Note also that the device can
withstand the full 0-V to 36-V range at the input terminals, regardless of whether the device has power applied or
not.
Place the required power-supply bypass capacitors as close to the supply and ground terminals of the device as
possible to ensure stability. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.
www.ti.com
INA230
SBOS601A – FEBRUARY 2012 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com