Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA823 Datasheet HTML 12Page - Texas Instruments INA823 Datasheet HTML 13Page - Texas Instruments INA823 Datasheet HTML 14Page - Texas Instruments INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, CL = 0 pF, VCM = VREF = 0 V, and G = 1 (unless otherwise noted)
Common-Mode Voltage (V)
-16
-15
-14
-13
-12
-11
-10
-80
-70
-60
-50
-40
-30
-20
-10
0
IBP Avg
IBP +3
IBP −3
VCM Range
Figure 7-43. Positive Input Bias Current vs Common
‑Mode
Voltage (VS–)
Common-Mode Voltage (V)
10
11
12
13
14
15
0
0.5
1
1.5
2
IBP Avg
IBP +3
IBP −3
VCM Range
Figure 7-44. Positive Input Bias Current vs Common
‑Mode
Voltage (VS+)
Common-Mode Voltage (V)
-16
-15
-14
-13
-12
-11
-10
-80
-70
-60
-50
-40
-30
-20
-10
0
10
IBN Avg
IBN +3
IBN −3
VCM Range
Figure 7-45. Negative Input Bias Current vs Common
‑Mode
Voltage (VS–)
Common-Mode Voltage (V)
10
11
12
13
14
15
0
0.5
1
1.5
2
IBN Avg
IBN +3
IBN −3
VCM Range
Figure 7-46. Negative Input Bias Current vs Common
‑Mode
Voltage (VS+)
Common-Mode Voltage (V)
-16
-12
-8
-4
0
4
8
12
16
-20
-10
0
10
20
30
40
50
-45 C
-20 C
25 C
85 C
125 C
VCM Range
VS = ±15 V
Figure 7-47. Offset Voltage vs Common-Mode Voltage
VS = ±1.35 V
Figure 7-48. Offset Voltage vs Common-Mode Voltage
INA823
SBOSA75B – JULY 2021 – REVISED NOVEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com