Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA823 Datasheet HTML 13Page - Texas Instruments INA823 Datasheet HTML 14Page - Texas Instruments INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments INA823 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, CL = 0 pF, VCM = VREF = 0 V, and G = 1 (unless otherwise noted)
Output Current (A)
0
0.005
0.01
0.015
0.02
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
-40 C
25 C
85 C
125 C
VS = ±15 V
Figure 7-49. Positive Output Voltage Swing vs Output Current
Output Current (A)
0
0.005
0.01
0.015
0.02
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
-14.1
-14
-40 C
25 C
85 C
125 C
VS = ±15 V
Figure 7-50. Negative Output Voltage Swing vs Output Current
Output Current (A)
0
0.005
0.01
0.015
0.02
0.025
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
-40 C
25 C
85 C
125 C
VS = ±1.35 V
Figure 7-51. Positive Output Voltage Swing vs Output Current
Output Current (A)
0
0.005
0.01
0.015
0.02
0.025
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
-2.1
-2
-1.9
-1.8
-1.7
-40 C
25 C
85 C
125 C
VS = ±1.35 V
Figure 7-52. Negative Output Voltage Swing vs Output Current
Output Voltage (V)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V
G = 1
Figure 7-53. Input Common-Mode Voltage vs Output Voltage
Output Voltage (V)
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5 2.75
0
0.15
0.3
0.45
0.6
0.75
0.9
1.05
1.2
1.35
1.5
1.65
1.8
1.95
2.1
2.25
VREF = 0 V
VREF = 1.35 V
VS = 2.7 V
G = 100
Figure 7-54. Input Common-Mode Voltage vs Output Voltage
www.ti.com
INA823
SBOSA75B – JULY 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com