Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments INA823 Datasheet HTML 21Page - Texas Instruments INA823 Datasheet HTML 22Page - Texas Instruments INA823 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
8 Detailed Description
8.1 Overview
The INA823 is a monolithic precision instrumentation amplifier that incorporates a current-feedback input stage
and a four-resistor difference-amplifier output stage. One of the features of an instrumentation amplifier (IA)
is that the gain is set by placing an external resistor across the RG pins, as described in Section 8.3.1. The
three-op-amp IA topology in the INA823 limits the maximum input voltage applied to the input terminal. The
maximum input voltage depends on the common-mode voltage, differential voltage, gain, and the reference
voltage; for more information, see Section 8.3.2. The INA823 also features protection at each input by two
junction field-effect transistors (JFETs) that provide a low series resistance under normal signal conditions,
and preserve excellent noise performance. When excessive voltage is applied, these transistors limit the input
current, as described in Section 8.3.3.
The INA823 is developed for medical-sector applications such as infusion pumps (see Section 9.2.1), and
industrial applications such as programmable logic controllers (see Section 9.2.2)
The schematic in Figure 8-1 shows how the INA823 operates. A differential input voltage is buffered by the input
transistors, Q1 and Q2, and is forced across RG. This causes a signal current through RG, R1, and R2. The output
difference amplifier, A3, removes the common-mode component of the input signal and refers the output signal
to the REF pin. The threshold voltage of Q1 and Q2 (defined as VBE) along with the voltage drop across R1 and
R2 produce output voltages on A1 and A2, respectively, that are approximately 0.8 V less than the input voltages.
A
3
50 k
50 k
50 k
50 k
OUT
REF
Q2
V+
V
Overvoltage
Protection
A
2
RB
C2
VB
V
R2
50 k
A
1
RB
C1
R1
50 k
Optional RG
(External)
V+
V
Q1
Overvoltage
Protection
+IN
V+
V
V+
V
V+
V
V+
V
IB Cancellation
IB Cancellation
IN
A Out = V
+ V
+ 0.125 V
V /2
G
+
1
CM
BE
D
A Out = V
+ V
+ 0.125 V
V /2
G
2
CM
BE
D
Output Swing Range A , A , (V+)
0.1 V to (V ) + 0.1 V
1
2
V = G
(V
V
) + V
O
IN+
IN
REF
Linear Input Range A = (V+)
0.9 V to (V ) + 0.1 V
3
V /2
D
V /2
D
VCM
Figure 8-1. Detailed Schematic
8.2 Functional Block Diagram
─IN
Current-
Feedback
Input Stage
Current-
Feedback
Input Stage
+IN
Difference
Amplifier
OUT
REF
External Gain Set
Resistor (Optional)
Overvoltage
Protection
Overvoltage
Protection
Input Bias
Current
Cancellation
Input Bias
Current
Cancellation
www.ti.com
INA823
SBOSA75B – JULY 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com