Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189IDBVT Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 28Page - Texas Instruments OPA189IDBVT Datasheet HTML 29Page - Texas Instruments OPA189IDBVT Datasheet HTML 30Page - Texas Instruments OPA189IDBVT Datasheet HTML 31Page - Texas Instruments OPA189IDBVT Datasheet HTML 32Page - Texas Instruments OPA189IDBVT Datasheet HTML 33Page - Texas Instruments OPA189IDBVT Datasheet HTML 34Page - Texas Instruments OPA189IDBVT Datasheet HTML 35Page - Texas Instruments OPA189IDBVT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
9.2.5 Programmable Power Supply
Figure 9-6 shows the OPAx189 configured as a precision programmable power supply using the 16-bit, voltage
output DAC8581 and the OPA548 high-current amplifier. This application amplifies the digital-to-analog converter
(DAC) voltage by a value of five, and handles a large variety of capacitive and current loads. The OPAx189 in
the front-end provides precision and low drift across a wide range of inputs and conditions. Click the following
link to download the TINA-TI software file: Programmable Power-Supply Circuit.
DAC8581
Input = ± 5V
C2
500 nF
OPAx189
±15V
±
+
+15V
R2
1 k
R1
10 k
GND
R3
10 k
OPA548
±30V
±
+
+30V
R4
40 k
C1
500 nF
VOUT
Output = ± 25V
Copyright © 2017, Texas Instruments Incorporated
Figure 9-6. Programmable Power Supply
9.2.6 RTD Amplifier With Linearization
See Analog Linearization of Resistance Temperature Detectors for an in-depth analysis of Figure 9-7. Click the
following link to download the TINA-TI software file: RTD Amplifier with Linearization.
OPAx189
RTD
Pt100
R5
105.8 kŸ
(1)
V
OUT
R3
60.4 kŸ
R1
4.99 kŸ
R2
49.1 kŸ
R4
1 kŸ
1 µF
1 µF
REF5050
15 V
In
Out
(5 V)
0°C = 0 V
200°C = 5 V
Copyright © 2017, Texas Instruments Incorporated
(1) R5 provides positive-varying excitation to linearize output.
Figure 9-7. RTD Amplifier With Linearization
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com