Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA189IDBVT Datasheet HTML 1Page - Texas Instruments OPA189IDBVT Datasheet HTML 2Page - Texas Instruments OPA189IDBVT Datasheet HTML 3Page - Texas Instruments OPA189IDBVT Datasheet HTML 4Page - Texas Instruments OPA189IDBVT Datasheet HTML 5Page - Texas Instruments OPA189IDBVT Datasheet HTML 6Page - Texas Instruments OPA189IDBVT Datasheet HTML 7Page - Texas Instruments OPA189IDBVT Datasheet HTML 8Page - Texas Instruments OPA189IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz,
MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
1 Features
• Ultra-high precision:
– Zero-drift: 0.005 μV/°C (OPA189)
– Ultra-low offset voltage: 3 μV maximum
(OPA189)
• Excellent dc precision:
– CMRR: 168 dB
– Open-loop gain: 170 dB
• Low noise:
– en at 1 kHz: 5.2 nV/√Hz
– 0.1-Hz to 10-Hz noise: 0.1 µVPP
• Excellent dynamic performance:
– Gain bandwidth: 14 MHz
– Slew rate: 20 V/µs
– Fast settling: 10-V step, 0.01% in 1.1 µs
• Robust design:
– MUX-friendly inputs
– RFI/EMI filtered inputs
• Wide supply range: 4.5 V to 36 V
• Quiescent current: 1.7 mA (maximum)
• Rail-to-rail output
• Input includes negative rail
2 Applications
• Battery test
• Analog input module
• Weigh scale
• DC power supply, ac source, electronic load
• Multifunction relay
3 Description
The OPA189, OPA2189, and OPA4189 (OPAx189)
high-precision operational amplifiers are ultra-low
noise, fast-settling, zero-drift devices that provide rail-
to-rail output operation and feature a unique MUX-
friendly architecture and controlled start-up system.
These features and excellent ac performance,
combined with only 0.4 µV of offset voltage and
0.005µV/°C of drift over temperature for the single-
channel version, make the OPAx189 a great choice
for precision instrumentation, signal measurement,
and active filtering applications. Moreover, the MUX-
friendly input architecture prevents inrush current
when applying large input differential voltages,
which improves settling performance in multichannel
systems, all while providing robust ESD protection
during shipment, handling, and assembly.
All versions are specified from –40°C to +125°C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
OPA189
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA2189
SOIC (8)
4.90 mm × 3.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
OPA4189
TSSOP (14)
5.00 mm × 4.40 mm
SOIC (14)
8.65 mm × 3.91 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
4:2
HV
MUX
High-Voltage Level Translation
Input
High-Voltage Multiplexed Input
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
+
+
OPAx189
OPAx189
Robust MUX-Friendly Inputs
without Anti-Parallel Diodes
Copyright © 2017, Texas Instruments Incorporated
OPAx189 Preserves R-C Settling Performance in a
Switched or Multiplexed Application
Time
C003
Classical High-Voltage Op Amp
Anti-Parallel Diodes Loads Source
OPAx189 MUX-friendly Inputs
Prevents Loading of Source
Competitor HV Amp
OPAx189
Copyright © 2017, Texas Instruments Incorporated
OPAx189 MUX-Friendly Input Settles Quickly and
Maintains High Input Impedance When Switched
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA189IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189IDBVT TI1-OPA189IDBVT Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDBVT TI1-OPA189IDBVT Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189IDBVT TI-OPA189IDBVT Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189IDBVT TI-OPA189IDBVT Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189IDBVT TI2-OPA189IDBVT Datasheet
3Mb / 58P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
More results

Similar Description - OPA189IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_17 Datasheet
765Kb / 36P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI-OPA189_V02 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA189 TI-OPA189_V03 Datasheet
3Mb / 52P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com