Electronic Components Datasheet Search
  English  ▼

X  

OPA189IDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA189IDBVT
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA189IDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA189IDBVT Datasheet HTML 18Page - Texas Instruments OPA189IDBVT Datasheet HTML 19Page - Texas Instruments OPA189IDBVT Datasheet HTML 20Page - Texas Instruments OPA189IDBVT Datasheet HTML 21Page - Texas Instruments OPA189IDBVT Datasheet HTML 22Page - Texas Instruments OPA189IDBVT Datasheet HTML 23Page - Texas Instruments OPA189IDBVT Datasheet HTML 24Page - Texas Instruments OPA189IDBVT Datasheet HTML 25Page - Texas Instruments OPA189IDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
8.3.3 Input Bias Current Clock Feedthrough
Zero-drift amplifiers such as the OPAx189 use switching on the inputs to correct for the intrinsic offset and drift
of the amplifier. Charge injection from the integrated switches on the inputs can introduce short transients in
the input bias current of the amplifier. The extremely short duration of these pulses prevents the pulses from
amplifying, however the pulses may be coupled to the output of the amplifier through the feedback network.
The most effective method to prevent transients in the input bias current from producing additional noise at the
amplifier output is to use a low-pass filter such as an RC network.
8.3.4 EMI Rejection
The OPAx189 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx189
benefits from these design improvements. Texas Instruments has developed the ability to accurately measure
and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to
6 GHz. Figure 8-2 shows the results of this testing on the OPAx189. Table 8-1 lists the EMIRR +IN values for the
OPAx189 at particular frequencies commonly encountered in real-world applications. Applications listed in Table
8-1 may be centered on or operated near the particular frequency shown. Detailed information can also be found
in the EMI Rejection Ratio of Operational Amplifiers application report, available for download from www.ti.com.
0
20
40
60
80
100
120
10M
100M
1G
10G
Frequency (Hz)
C005
Figure 8-2. EMIRR Testing
Table 8-1. OPAx189 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION AND ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
(UHF) applications
48.4 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band
(1 GHz to 2 GHz)
69.1 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite,
S-band (2 GHz to 4 GHz)
88.9 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
82.5 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
95.5 dB
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of
RF signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has
a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com