Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 2Page - Texas Instruments OPA388 Datasheet HTML 3Page - Texas Instruments OPA388 Datasheet HTML 4Page - Texas Instruments OPA388 Datasheet HTML 5Page - Texas Instruments OPA388 Datasheet HTML 6Page - Texas Instruments OPA388 Datasheet HTML 7Page - Texas Instruments OPA388 Datasheet HTML 8Page - Texas Instruments OPA388 Datasheet HTML 9Page - Texas Instruments OPA388 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6.6 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, VS = ±1.25 V to ±2.75 V (2.5 V to 5.5 V), and RLOAD = 10 kΩ connected to VS / 2 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
OPA388-Q1
±0.25
±5
µV
OPA2388-Q1
±1.5
±5
TA = –40°C to +125°C
±7.5
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
±0.005
±0.05
µV/°C
PSRR
Power-supply rejection ratio TA = –40°C to +125°C
±0.1
±1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
RIN = 100 kΩ
±30
±350
pA
TA = 0°C to +85°C
±400
TA = –40°C to +125°C
±700
IOS
Input offset current
RIN = 100 kΩ
±700
pA
TA = 0°C to +85°C
±800
TA = –40°C to +125°C
±800
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
0.14
µVPP
eN
Input voltage noise density
f = 10 Hz
7
nV/√Hz
f = 100 Hz
7
f = 1 kHz
7
f = 10 kHz
7
IN
Input current noise density
f = 1 kHz
100
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V < VCM < (V+) + 0.1 V
VS = ±1.25 V
124
138
dB
VS = ±2.75 V
124
140
(V–) < VCM < (V+) + 0.1 V,
TA = –40°C to +125°C
VS = ±1.25 V
114
134
(V–) – 0.05 V < VCM < (V+) + 0.1 V,
TA = –40°C to +125°C
VS = ±2.75 V
124
140
INPUT IMPEDANCE
zid
Differential input
impedance
100 || 2
MΩ || pF
zic
Common-mode input
impedance
60 || 4.5
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.15 V < VO < (V+) – 0.15 V
126
148
dB
TA = –40°C to +125°C
120
126
(V–) + 0.25 V < VO < (V+) – 0.25 V,
RLOAD = 2 kΩ
126
148
(V–) + 0.30 V < VO < (V+) – 0.30 V,
RLOAD = 2 kΩ
TA = –40°C to +125°C
120
148
OPA388-Q1, OPA2388-Q1
SBOS989A – AUGUST 2020 – REVISED NOVEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA388-Q1 OPA2388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com