Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments OPA388 Datasheet HTML 18Page - Texas Instruments OPA388 Datasheet HTML 19Page - Texas Instruments OPA388 Datasheet HTML 20Page - Texas Instruments OPA388 Datasheet HTML 21Page - Texas Instruments OPA388 Datasheet HTML 22Page - Texas Instruments OPA388 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx388-Q1 are unity-gain stable, precision operational amplifiers free from unexpected output and phase
reversal. The use of proprietary zero-drift circuitry gives the benefit of low input offset voltage over time and
temperature, as well as lowering the 1/f noise component. As a result of the high PSRR, these devices work
well in applications that run directly from battery power without regulation. The OPAx388-Q1 are optimized for
full rail-to-rail input, allowing for low-voltage, single-supply operation or split-supply use. These miniature, high-
precision, low-noise amplifiers offer high-impedance inputs that have a common-mode range 100 mV beyond
the supplies without input crossover distortion and a rail-to-rail output that swings within 5 mV of the supplies
under normal test conditions. The OPAx388-Q1 precision amplifiers are designed for upstream analog signal
chain applications in low or high gains, as well as downstream signal chain functions such as DAC buffering.
8.2 Typical Application
This single-supply, low-side, bidirectional current-sensing design example detects load currents from –1 A to +1
A. The single-ended output spans from 110 mV to 3.19 V. This design uses the OPA388-Q1 because of the low
offset voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier and
the other amplifier provides the reference voltage.
Figure 8-1 shows the circuit drawing.
+
+
±
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
±
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
1
R
3
R
L
R
5
R
6
R
2
Figure 8-1. Bidirectional Current-Sensing
www.ti.com
OPA388-Q1, OPA2388-Q1
SBOS989A – AUGUST 2020 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA388-Q1 OPA2388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com