Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments OPA388 Datasheet HTML 18Page - Texas Instruments OPA388 Datasheet HTML 19Page - Texas Instruments OPA388 Datasheet HTML 20Page - Texas Instruments OPA388 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
7.3 Feature Description
7.3.1 Input Voltage and Zero-Crossover Functionality
The OPAx388-Q1 input common-mode voltage range extends 0.1 V beyond the supply rails. This amplifier
family is designed to cover the full range without the troublesome transition region found in some other rail-to-rail
amplifiers. Operating a complementary rail-to-rail input amplifier with signals traversing the transition region
results in unwanted non-linear behavior and polluted spectral content. Figure 7-1 and Figure 7-2 contrast
the performance of a traditional complementary rail-to-rail input stage amplifier with the performance of the
zero-crossover OPAx388-Q1. Significant harmonic content and distortion is generated during the differential pair
transition (such a transition does not exist in the OPAx388-Q1). Crossover distortion is eliminated through the
use of a single differential pair coupled with an internal low-noise charge pump. The OPAx388-Q1 maintain
noise, bandwidth, and offset performance throughout the input common-mode range, thus reducing printed
circuit board (PCB) and bill of materials (BOM) complexity through the reduction of power-supply rails.
±20
±15
±10
±5
0
5
10
15
20
±3
±2
±1
0
1
2
3
Input Common-mode Voltage (V)
Complementary Input Stage
OPA388 Zero-Crossover Input Stage
C003
V
CM = ±2.85 V
V
CM = 2.85 V
Figure 7-1. Input Crossover Distortion
Nonlinearity
±140
±120
±100
±80
±60
±40
±20
0
10
100
1k
10k
Frequency (Hz)
C004
Traditional Rail-to-Rail
Input Stage
OPA388 Zero-Crossover Input Stage
Figure 7-2. Input Crossover Distortion
Spectral Content
Typically, input bias current is approximately ±30 pA. Input voltages exceeding the power supplies, however,
can cause excessive current to flow into or out of the input pins. Momentary voltages greater than the power
supply can be tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input
resistor, as shown in Figure 7-3.
IOVERLOAD
10 mA max
5 NŸ
VIN
VOUT
+5V
Current-limiting resistor
required if input voltage
exceeds supply rails by
> 0.3V.
Copyright © 2016, Texas Instruments Incorporated
Figure 7-3. Input Current Protection
www.ti.com
OPA388-Q1, OPA2388-Q1
SBOS989A – AUGUST 2020 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA388-Q1 OPA2388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com