Electronic Components Datasheet Search
  English  ▼

X  

BVSS84L Datasheet(PDF) 1 Page - ON Semiconductor

Part # BVSS84L
Description  MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BVSS84L Datasheet(HTML) 1 Page - ON Semiconductor

  BVSS84L Datasheet HTML 1Page - ON Semiconductor BVSS84L Datasheet HTML 2Page - ON Semiconductor BVSS84L Datasheet HTML 3Page - ON Semiconductor BVSS84L Datasheet HTML 4Page - ON Semiconductor BVSS84L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 1997
December, 2020 − Rev. 13
1
Publication Order Number:
BSS84LT1/D
MOSFET - Power,
Single P-Channel, SOT-23
-50 V, 10 W
BSS84L, BVSS84L,
SBSS84L
• SOT−23 Surface Mount Package Saves Board Space
• BV Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−50
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current
Continuous @ TA = 25°C
Pulsed Drain Current (tp ≤ 10 ms)
ID
IDM
−130
−520
mA
Total Power Dissipation @ TA = 25°C
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to
150
°C
Thermal Resistance − Junction−to−Ambient
RqJA
556
°C/W
Thermal Resistance − Junction−to−Ambient
(Note 1)
RqJA
377.2
°C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. RqJA is the sum of the junction−to−case and case−to−ambient thermal
resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins. And the RqJA is determined by the user’s
board design. The maximum rating presented here is based on mounting the
part on JEDEC Standard 51−3/51−7.
3
1
2
P−Channel
SOT−23
CASE 318
STYLE 21
PD MG
G
MARKING DIAGRAM & PIN ASSIGNMENT
3
2
1
Drain
Gate
2
1
3
Source
Device
Package
Shipping†
ORDERING INFORMATION
BSS84LT1G,
BVSS84LT1G,
SBSS84LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BSS84LT7G
SOT−23
(Pb−Free)
3,500 / Tape & Reel
PD
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(*Note: Microdot may be in either location)
−50 V
10 W @ −10 V
V(BR)DSS
RDS(ON) MAX
www.onsemi.com


Similar Part No. - BVSS84L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
110Kb / 4P
Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
More results

Similar Description - BVSS84L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS84LT1 LRC-LBSS84LT1 Datasheet
182Kb / 4P
Power MOSFET 130m Amps, 50 Volts (P-Channel SOT -23)
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTR0202PL ONSEMI-NTR0202PL_06 Datasheet
141Kb / 5P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
BSS84LT1 ONSEMI-BSS84LT1_12 Datasheet
104Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10
March, 2012 ??Rev. 7
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com