Electronic Components Datasheet Search
  English  ▼

X  

BVSS84L Datasheet(PDF) 3 Page - ON Semiconductor

Part # BVSS84L
Description  MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BVSS84L Datasheet(HTML) 3 Page - ON Semiconductor

  BVSS84L Datasheet HTML 1Page - ON Semiconductor BVSS84L Datasheet HTML 2Page - ON Semiconductor BVSS84L Datasheet HTML 3Page - ON Semiconductor BVSS84L Datasheet HTML 4Page - ON Semiconductor BVSS84L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS84L, BVSS84L, SBSS84L
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 3. On−Resistance versus Drain Current
0
0.2
0.4
0.6
2
5
6
Figure 4. On−Resistance versus Drain Current
-ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with Temperature
1
0.001
0.1
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Gate Charge
-VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
25
°C
VGS = -4.5 V
VGS = -10 V
ID = -0.52 A
-55
-5
45
95
145
TJ = 150°C
4
0.6
0.8
0
0.5
1.0
1.5
3
0.01
-55
°C
25
°C
2.0
0
0.2
0.4
0.6
2
5
6
-ID, DRAIN CURRENT (AMPS)
VGS = -10 V
4
3
0
-6
-2
0
QT, TOTAL GATE CHARGE (pC)
-8
-4
500
VDS = -40 V
TJ = 25°C
1000
ID = -0.5 A
1500
0.1
0.3
0.5
150
°C
-55
°C
7
4.5
5.5
3.5
2.5
6.5
0.1
0.3
0.5
1.2
2
1.4
1.6
1.8
VGS = -4.5 V
ID = -0.13 A
2000
2.5
3.0
150
°C
25
°C
-55
°C
8
9
7
-5
-1
-7
-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com