Electronic Components Datasheet Search
  English  ▼

X  

HIC2821 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HIC2821
Description  Switch Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2821 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HIC2821 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Switch Amplifier
HiC2821
< 1-channel isolated barrier
< 24 V DC supply (bus powered)
< Dry contact or NAMUR inputs
< Usable as signal splitter (1 input and 2 outputs)
< Relay contact output
< Fault relay contact output
< Line fault detection (LFD)
< Up to SIL 2 acc. to IEC/EN 61508
Function
This isolated barrier is used for intrinsic safety applications. It transfers digital signals (NAMUR sensors/mechanical contacts) from a hazardous
area to a safe area.
The proximity sensor or switch controls the normally open relay output for the safe area load. The device output changes the state when the input
signal changes the state. The mode of operation can be reversed with switch S1 of the device.
One additional relay is available for the fault output. Line fault detection (LFD) can be selected or disabled via switch S2.
During an error condition, the relay reverts to its de-energized state and the LEDs indicate the fault. A separate output bus is available. The fault
conditions can be monitored via a Fault Indication Board.
This module mounts on a HiC Termination Board.
Connection
Zone 2
Div. 2
Zone 0, 1, 2
Div. 1, 2
HiC2821
Termination Board
I
II
10 kΩ
1.5 kΩ
10a
9a
SL1
8a
7a
12
15
11
14
24 V DC
FAULT
1a, 1b
2a, 2b
6b
5a
5b
1
4
-
+
+
-
SL2
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HIC2821

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2822 PF-HIC2822 Datasheet
381Kb / 5P
Switch Amplifier
More results

Similar Description - HIC2821

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-SON-EX1.R3 PF-KCD2-SON-EX1.R3 Datasheet
1Mb / 6P
Switch Amplifier
KCD2-SOT-EX1.LB PF-KCD2-SOT-EX1.LB Datasheet
909Kb / 5P
Switch Amplifier
KCD2-SOT-EX2 PF-KCD2-SOT-EX2 Datasheet
938Kb / 5P
Switch Amplifier
KCD2-SR-EX1.LB PF-KCD2-SR-EX1.LB Datasheet
1Mb / 6P
Switch Amplifier
KCD2-ST-1.LB PF-KCD2-ST-1.LB Datasheet
806Kb / 4P
Switch Amplifier
KCD2-ST-2 PF-KCD2-ST-2 Datasheet
811Kb / 4P
Switch Amplifier
KCD2-SR-EX1 PF-KCD2-SR-EX1 Datasheet
1Mb / 6P
Switch Amplifier
KFA6-SR2-EX1.W.LB PF-KFA6-SR2-EX1.W.LB Datasheet
1Mb / 6P
Switch Amplifier
KFA6-SR2-EX2.W.IR PF-KFA6-SR2-EX2.W.IR Datasheet
1Mb / 5P
Switch Amplifier
KFA6-SR2-EX1.W PF-KFA6-SR2-EX1.W Datasheet
1Mb / 6P
Switch Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com