Electronic Components Datasheet Search
  English  ▼

X  

HIC2821 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # HIC2821
Description  Switch Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2821 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  HIC2821 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Configuration
S1
S4
I
II
Open - energized
Input to output operation
Function
I
S1
Switch settings
Input fault detection
Fault enable
Fault disable
Second output
As CH1
As fault
S3
No function
S4
I
II
Close - de-energized
Close - energized
Open - de-energized
S2
I
II
II
Refer to the Instruction
Manual to install and
operate the unit
CAUTION
S1
S4
I
II
Technical Data
General specifications
Signal type
Digital Input
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Supply
Connection
SL1: 1a(-), 1b(-); 2a(+), 2b(+)
Rated voltage
Ur
19 ... 30 V DC bus powered via Termination Board
Ripple
≤ 10 %
Rated current
Ir
≤ 30 mA
Power dissipation
≤ 500 mW
Power consumption
≤ 500 mW
Input
Connection side
field side
Connection
SL2: 5a(+), 5b(-)
Rated values
acc. to EN 60947-5-6 (NAMUR), see manual for electrical data
Open circuit voltage/short-circuit current
approx. 10 V DC / approx. 8 mA
Switching point/switching hysteresis
1.2 ... 2.1 mA / approx. 0.2 mA
Line fault detection
breakage I ≤ 0.1 mA , short-circuit I ≥ 6.5 mA
Pulse/Pause ratio
min. 20 ms / min. 20 ms
Output
Connection side
control side
Connection
SL1: 8a, 7a; 10a, 9a
Output I
signal ; relay
Output II
signal or error message ; relay
Contact loading
50 V DC / 0.5 A
Minimum switch current
2 mA / 24 V DC
Energized/De-energized delay
≤ 20 ms / ≤ 20 ms
Mechanical life
107 switching cycles
Fault indication output
Switch Amplifier
HiC2821
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com