Electronic Components Datasheet Search
  English  ▼

X  

HIC2821 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # HIC2821
Description  Switch Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2821 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  HIC2821 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2821 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Connection
SL1: 6b
Output type
open collector transistor (internal fault bus)
Transfer characteristics
Switching frequency
≤ 10 Hz
Galvanic isolation
Output/power supply
basic insulation acc. to EN 50178, rated insulation voltage of 50 V AC
Output/Output
basic insulation acc. to EN 50178, rated insulation voltage of 50 V AC
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Galvanic isolation
EN 50178:1997
Electromagnetic compatibility
NE 21:2006
For further information see system description.
Degree of protection
IEC 60529:2001
Input
EN 60947-5-6:2000
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 100 g
Dimensions
12.5 x 106 x 128 mm (0.5 x 4.2 x 5.1 inch) (W x H x D)
Mounting
on Termination Board
Coding
pin 1 and 2 trimmed
For further information see system description.
Data for application in connection with hazardous areas
EU-type examination certificate
BASEEFA 06 ATEX 0093 X
Marking
1
II (1)G [Ex ia Ga] IIC
1
II (1)D [Ex ia Da] IIIC
1
I (M1) [Ex ia Ma] I
Input
[Ex ia Ga] IIC, [Ex ia Da] IIIC, [Ex ia Ma] I
Voltage
Uo
10.5 V
Current
Io
17.1 mA
Power
Po
45 mW (linear characteristic)
Supply
Maximum safe voltage
Um
253 V AC (Attention! Um is no rated voltage.)
Output
Contact loading
50 V DC / 0.5 A
Maximum safe voltage
Um
253 V AC (Attention! The rated voltage can be lower.)
Certificate
PF 08 CERT 1047 X
Marking
1
II 3G Ex nA nC IIC T4 Gc
Galvanic isolation
Input/Output
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Input/power supply
safe electrical isolation acc. to IEC/EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
FM approval
Control drawing
16-534FM-12 (cFMus)
Switch Amplifier
HiC2821
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com