Electronic Components Datasheet Search
  English  ▼

X  

LM5009MM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009MM
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009MM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5009MM Datasheet HTML 1Page - National Semiconductor (TI) LM5009MM Datasheet HTML 2Page - National Semiconductor (TI) LM5009MM Datasheet HTML 3Page - National Semiconductor (TI) LM5009MM Datasheet HTML 4Page - National Semiconductor (TI) LM5009MM Datasheet HTML 5Page - National Semiconductor (TI) LM5009MM Datasheet HTML 6Page - National Semiconductor (TI) LM5009MM Datasheet HTML 7Page - National Semiconductor (TI) LM5009MM Datasheet HTML 8Page - National Semiconductor (TI) LM5009MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching output
Power switching output. Connect to the inductor,
re-circulating diode, and bootstrap capacitor.
2
BST
Boost Pin
An external capacitor is required between the BST
and the SW pins. A 0.01µF ceramic capacitor is
recommended. An internal diode charges the
capacitor from V
CC.
3
RCL
Current Limit off-time set pin
A resistor between this pin and RTN sets the
off-time when current limit is detected. The off-time
is preset to 35µs if FB = 0V.
4
RTN
Ground pin
Ground for the entire circuit.
5
FB
Feedback input from Regulated Output
This pin is connected to the inverting input of the
internal regulation comparator. The regulation
threshold is 2.5V.
6
RON/SD
On-time set pin
A resistor between this pin and VIN sets the switch
on-time as a function of V
IN. The minimum
recommended on-time is 250ns at the maximum
input voltage. This pin can be used for remote
shutdown.
7
VCC
Output from the internal high voltage startup
regulator. Regulated at 7.0V.
If an auxiliary voltage is available to raise the
voltage on this pin above the regulation setpoint
(7V), the internal series pass regulator will
shutdown, reducing the IC power dissipation. Do not
exceed 14V. This voltage provides gate drive power
for the internal Buck switch. An internal diode is
provided between this pin and the BST pin. A local
0.1µF decoupling capacitor is required.
8
VIN
Input voltage
Recommended operating range: 9.5V to 95V.
EP
Exposed Pad (LLP Package only)
Exposed metal pad on the underside of the device.
It is recommended to connect this to the PC board
ground plane to aid in heat dissipation.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com