Electronic Components Datasheet Search
  English  ▼

X  

LM5009MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009MM
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5009MM Datasheet HTML 6Page - National Semiconductor (TI) LM5009MM Datasheet HTML 7Page - National Semiconductor (TI) LM5009MM Datasheet HTML 8Page - National Semiconductor (TI) LM5009MM Datasheet HTML 9Page - National Semiconductor (TI) LM5009MM Datasheet HTML 10Page - National Semiconductor (TI) LM5009MM Datasheet HTML 11Page - National Semiconductor (TI) LM5009MM Datasheet HTML 12Page - National Semiconductor (TI) LM5009MM Datasheet HTML 13Page - National Semiconductor (TI) LM5009MM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information (Continued)
Bill of Materials (Circuit of Figure 5)
Item
Description
Part Number
Value
C1
Ceramic Capacitor
TDK C4532X7R2A105M
1µF, 100V
C2
Ceramic Capacitor
TDK C4532X7R1E156M
15µF, 25V
C3
Ceramic Capacitor
Kemet C1206C104K5RAC
0.1µF, 50V
C4
Ceramic Capacitor
Kemet C1206C103K5RAC
0.01µF, 50V
C5
Ceramic Capacitor
TDK C3216X7R2A104M
0.1µF, 100V
D1
UltraFast Power Diode
Diodes Inc. DFLS1100
100V, 1A
L1
Power Inductor
TDK SLF7045T-151MR33
150 µH
R1
Resistor
Vishay CRCW12063011F
3.01 k
Ω
R2
Resistor
Vishay CRCW12061001F
1.0 k
Ω
R3
Resistor
Vishay CRCW12063R00F
3.0
Ω
R
ON
Resistor
Vishay CRCW12062373F
237 k
Ω
R
CL
Resistor
Vishay CRCW12061693F
169 k
Ω
U1
Switching Regulator
National Semiconductor LM5009
20165823
FIGURE 6. Efficiency vs Load Current and V
IN
20165827
FIGURE 7. Efficiency vs V
IN and Load Current
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com