Electronic Components Datasheet Search
  English  ▼

X  

LM5009MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009MM
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5009MM Datasheet HTML 1Page - National Semiconductor (TI) LM5009MM Datasheet HTML 2Page - National Semiconductor (TI) LM5009MM Datasheet HTML 3Page - National Semiconductor (TI) LM5009MM Datasheet HTML 4Page - National Semiconductor (TI) LM5009MM Datasheet HTML 5Page - National Semiconductor (TI) LM5009MM Datasheet HTML 6Page - National Semiconductor (TI) LM5009MM Datasheet HTML 7Page - National Semiconductor (TI) LM5009MM Datasheet HTML 8Page - National Semiconductor (TI) LM5009MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM5009
150 mA, 100V Step-Down Switching Regulator
General Description
The LM5009 Step Down Switching Regulator features all of
the functions needed to implement a low cost, efficient, Buck
bias regulator. This device is capable of driving a 150 mA
load current from a 9.5V to 95V input source. The switching
frequency can exceed 600 kHz, depending on the input and
output voltages. The output voltage may be set from 2.5V to
85V. This high voltage regulator contains an N-Channel buck
switch and internal startup regulator. The device is easy to
implement and is provided in the MSOP-8 and the thermally
enhanced LLP-8 packages. The LM5009 is a well suited
alternative to a high voltage monolithic or discrete linear
solution where the power loss becomes unacceptable. The
regulator’s operation is based on a hysteretic control
scheme using an ON time inversely proportional to VIN. This
feature allows the operating frequency to remain relatively
constant over load and input voltage variations. The hyster-
etic control requires no loop compensation, resulting in an
ultra-fast transient response. An intelligent current limit is
implemented with forced OFF time, which is inversely pro-
portional to Vout. This scheme ensures short circuit protec-
tion while providing minimum foldback. Other features in-
clude: Thermal Shutdown, Vcc under-voltage lockout, Gate
drive under-voltage lockout, and Maximum Duty Cycle lim-
iter.
Features
n
Integrated N-Channel MOSFET
n
Guaranteed 150 mA output current capability
n
Ultra-Fast Transient Response
n
No loop compensation required
n
Vin feed forward provides constant operating frequency
n
Switching frequency can exceed 600 kHz
n
Highly efficient operation
n
2% accurate 2.5V feedback from -40˚C to 125˚C
n
Internal startup regulator
n
Intelligent current limit protection
n
External shutdown control
n
Thermal shutdown
n
MSOP-8 and thermally enhanced LLP packages
Typical Applications
n
Heat sink eliminator for classic linear regulator
applications
n
12V, 24V, 36V, and 48V rectified AC systems
n
42V Automotive
n
Non-isolated AC mains charge coupled supplies
n
LED Current Source
Package
n
MSOP - 8
n
LLP - 8 (4mm x 4mm) (Available Soon)
Typical Application Circuit
20165828
Basic Stepdown Regulator
February 2006
© 2006 National Semiconductor Corporation
DS201658
www.national.com


Similar Part No. - LM5009MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5009MM NSC-LM5009MM Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
Texas Instruments
LM5009MM TI-LM5009MM Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
LM5009MM/NOPB TI-LM5009MM/NOPB Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
LM5009MM/NOPB TI2-LM5009MM/NOPB Datasheet
1Mb / 29P
LM5009 Wide Input, 100-V,150-mA, Step-Down Switching Regulator
REVISED MAY 2021
LM5009MM/NOPB.A TI2-LM5009MM/NOPB.A Datasheet
1Mb / 29P
LM5009 Wide Input, 100-V,150-mA, Step-Down Switching Regulator
REVISED MAY 2021
More results

Similar Description - LM5009MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
High Voltage (100V) Step Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
High Voltage (100V) Step Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
High Voltage (100V) Step Down Switching Regulator
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
High Voltage (100V) Step Down Switching Regulator
LM5009 TI-LM5009_15 Datasheet
994Kb / 26P
Wide Input, 100-V,150-mA, Step-Down Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com