Electronic Components Datasheet Search
  English  ▼

X  

TLV3601 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601
Description  TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV3601 Datasheet HTML 17Page - Texas Instruments TLV3601 Datasheet HTML 18Page - Texas Instruments TLV3601 Datasheet HTML 19Page - Texas Instruments TLV3601 Datasheet HTML 20Page - Texas Instruments TLV3601 Datasheet HTML 21Page - Texas Instruments TLV3601 Datasheet HTML 22Page - Texas Instruments TLV3601 Datasheet HTML 23Page - Texas Instruments TLV3601 Datasheet HTML 24Page - Texas Instruments TLV3601 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.2 Optical Receiver
The TLV3601 and TLV3603 can be used in conjunction with a high speed amplifier such as the OPA858 to
create an optical receiver as shown in the figure below. The photodiode is connected to a bias voltage and is
being driven with a pulsed laser. The OPA858 takes the current conducting through the diode and translates
it into a voltage for a high speed comparator to detect. The TLV3601 and TLV3603 will then output the proper
output signal according to the threshold set (VREF).
+
TDC
V
BIAS
+
LE/HYST
TLV3603
OPA858
V
REF
Figure 8-9. Optical Receiver
8.2.3 Over-Current Latch Condition
When it is important for a system to detect a brief over-current condition, it is advisable to utilize the latching
feature of the TLV3603. By latching the comparator output, the MCU is reassured not to miss the over-current
occurrence. The circuit below shows one way to implement the latching function.
When an over-current condition is detected by the TLV3603, the output will go high. The occurrence of the
output going high coupled with a logic high from the RESET signal from the MCU will create a logic low signal at
the output of the 2-channel NAND gate. This will cause the output of the TLV3603 to be held in a logic high state
(latched), thus allowing the MCU to detect the fault condition regardless of how narrow the over-current condition
persists. The addition of the NAND gate also provides a means of clearing the latch state of the comparator once
the MCU is done processing the event. This is accomplished by the MCU passing a logic low state to the NAND
input causing the LE/HYS pin of the comparator to be returned to a logic high state. The TLV3603 latched status
is cleared and the TLV3603 output can continue to track the status of the input pins.
+
+
LE/HYS
TLV3603
VREF
System
IS
RS
MCU
RESET
ALERT
Figure 8-10. Over-Current Latched Output Circuit
www.ti.com
TLV3601, TLV3603
SNOSDB1B – JUNE 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com