Electronic Components Datasheet Search
  English  ▼

X  

TLV3601 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601
Description  TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3601 Datasheet HTML 1Page - Texas Instruments TLV3601 Datasheet HTML 2Page - Texas Instruments TLV3601 Datasheet HTML 3Page - Texas Instruments TLV3601 Datasheet HTML 4Page - Texas Instruments TLV3601 Datasheet HTML 5Page - Texas Instruments TLV3601 Datasheet HTML 6Page - Texas Instruments TLV3601 Datasheet HTML 7Page - Texas Instruments TLV3601 Datasheet HTML 8Page - Texas Instruments TLV3601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
IN-
V
CC
IN+
OUT
V
EE
Figure 5-1. DCK, DBV Package
5-Pin SC70, SOT-23
Top View
6
5
4
3
2
1
OUT
V
EE
IN+
IN-
LE/HYS
V
CC
Figure 5-2. DCK Package
6-Pin SC70
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLV3601
TLV3603
IN+
3
3
I
Non-inverting input
IN–
4
4
I
Inverting input
OUT
1
1
O
Output
(Push-pull)
VEE
2
2
I
Negative power supply
VCC
5
6
I
Positive power supply
LE/HYS
-
5
I
Adjustable hysteresis control and latch
www.ti.com
TLV3601, TLV3603
SNOSDB1B – JUNE 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com